Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 146 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 146 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 142Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 143Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 144Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 145Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 146Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 147Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 148Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 149Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 150Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 462 page
background image
Chapter 4 BIU Module
4-46
ROWSEL1[1:0]:
ROWSEL0[1:0]:
COLSEL1[3:0]:
COLSEL0[3:0]:
These bits determine the Row and Column configuration for addressing according to the
following:
ROW
ROWSEL
COL
COLSEL
18, 17:9
00
22, 20, 18, 8:1
0000
22, 18, 20, 19, 17:9
01
19, 18, 8:2
0001
20, 22, 21, 19, 17:9
10
21, 20, 18, 8:2
0010
22, 23, 21, 19, 17:9
11
23, 22, 20, 18, 8:2
0011
24, 22, 20, 18, 8:2
0100
18,
φ, X, 8:0
0101
22, X,
φ, 21, 8:0
0110
18,
φ, X, 21, 8:1
0111
22, X,
φ, 23, 21, 8:1
1000
24, 23, 21, 8:2
1001
Reserved
Others
CS3SIZE:
Setting this bit defines CS3 to be a 32-bit port. Otherwise, a 16-bit port is assumed.
CS2SIZE:
Setting this bit defines CS2 to be a 32-bit port. Otherwise, a 16-bit port is assumed.
CS1SIZE:
Setting this bit defines CS1 to be a 32-bit port. Otherwise, a 16-bit port is assumed.
CS0SIZE:
Setting this bit defines CS0 to be a 32-bit port. Otherwise, a 16-bit port is assumed. On RESET,
this signal is set high if the TESTAIU pin is tied high and low if the TESTAIU pin is tied low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com