Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 147 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 147 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 143Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 144Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 145Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 146Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 147Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 148Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 149Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 150Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 151Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 462 page
background image
Chapter 4 BIU Module
4-47
4.7.2
Memory Configuration 1 Register
OFFSET
= $004
Bit
Label
RESET
Read/Write
31-28
MCS3ACCVAL1[3:0]
X
R/W
27-24
MCS3ACCVAL2[3:0]
X
R/W
23-20
MCS2ACCVAL1[3:0]
X
R/W
19-16
MCS2ACCVAL2[3:0]
X
R/W
15-12
MCS1ACCVAL1[3:0]
X
R/W
11-8
MCS1ACCVAL2[3:0]
X
R/W
7-4
MCS0ACCVAL1[3:0]
X
R/W
3-0
MCS0ACCVAL2[3:0]
X
R/W
MCS3ACCVAL1[3:0]:
These bits define the access time for MCS3. If ENMCS3PAGE is set, these bits will be used for
the first access and MCS3ACCVAL2[3:0] will be used for the next three accesses for reads only.
For writes, only these bits are used. If ENMCS3PAGE is not set, these bits and
MCS3ACCVAL2[3:0] should be set with the same value. If ENMCS3PAGE is set, these bits must
be set to at least $1.
MCS3ACCVAL2[3:0]:
These bits define the access time for the next three reads in a burst sequence if ENMCS3PAGE
is set. If ENMCS3PAGE is not set, these bits and MCS3ACCVAL1[3:0] should be set with the
same value. If ENMCS3PAGE is set, these bits must be set to at least $2.
MCS2ACCVAL1[3:0]:
These bits define the access time for MCS2. If ENMCS2PAGE is set, these bits will be used for
the first access and MCS2ACCVAL2[3:0] will be used for the next three accesses for reads only.
For writes, only these bits are used. If ENMCS2PAGE is not set, these bits and
MCS2ACCVAL2[3:0] should be set with the same value. If ENMCS2PAGE is set, these bits must
be set to at least $1.
MCS2ACCVAL2[3:0]:
These bits define the access time for the next three reads in a burst sequence if ENMCS2PAGE
is set. If ENMCS2PAGE is not set, these bits and MCS2ACCVAL1[3:0] should be set with the
same value. If ENMCS2PAGE is set, these bits must be set to at least $2.
MCS1ACCVAL1[3:0]:
These bits define the access time for MCS1. If ENMCS1PAGE is set, these bits will be used for
the first access and MCS1ACCVAL2[3:0] will be used for the next three accesses for reads only.
For writes, only these bits are used. If ENMCS1PAGE is not set, these bits and
MCS1ACCVAL2[3:0] should be set with the same value. If ENMCS1PAGE is set, these bits must
be set to at least $1.
MCS1ACCVAL2[3:0]:
These bits define the access time for the next three reads in a burst sequence if ENMCS1PAGE
is set. If ENMCS1PAGE is not set, these bits and MCS1ACCVAL1[3:0] should be set with the
same value. If ENMCS1PAGE is set, these bits must be set to at least $2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com