Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 151 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 151 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 147Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 148Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 149Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 150Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 151Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 152Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 153Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 154Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 155Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 462 page
background image
Chapter 4 BIU Module
4-51
CARD1IOEN:
Setting this bit will cause accesses to Card 1 I/O space to assert the IORD* or IOWR* signals.
This is used for accessing I/O cards. If this bit is not set, RD* or WE* is asserted, which provides
Attribute space access.
PORT8SEL, PORT2_8SEL, PORT1_8SEL:
These bits define the PCMCIA port size.
PORT8SEL
PORT2_8SEL
PORT1_8SEL
Port1
Port2
1
**
8 bit port access
8 bit port access
0
0
1
8 bit port access
16 bit port access
0
1
0
16 bit port access
8 bit port access
0
1
1
8 bit port access
8 bit port access
0
0
0
16 bit port access
16 bit port access
DCLKDISABLE:
Setting this bit to 1 disables output of DCLKOUT. Clearing the bit to 0 enables output of
DCLKOUT except during memory power down (when MEMPORWERDOWN bit is set to 1).
4.7.5
Memory Configuration 4 Register
OFFSET
= $010
Bit
Label
RESET
Read/Write
31
ENBANK1HDRAM
0
R/W
30
ENBANK0HDRAM
0
R/W
29
ENARB
0
R/W
28
DISSNOOP
0
R/W
27
CLRWRBUSERRINT
0
R/W
26
ENBANK1OPT
0
R/W
25
ENBANK0OPT
0
R/W
24
ENWATCH
0
R/W
23-20
WATCHTIMEVAL[3:0]
X
R/W
19-17
Reserved
16
MEMPOWERDOWN
1
R/W
15
ENRFSH1
0
R/W
14
ENRFSH0
0
R/W
13-8
RFSHVAL1[5:0]
X
R/W
7-6
Reserved
5-0
RFSHVAL0[5:0]
X
R/W
ENBANK1HDRAM:
Setting this bit will enable the TMPR3911/12 to support HDRAM devices in Memory Bank 1.
The BANK1CONF bits in the Memory Configuration 0 Register will configure the TMPR3912 to
support either a 16-bit HDRAM configuration or a 32-bit HDRAM configuration, in the same
manner that standard DRAM is setup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com