Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 191 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 191 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 187Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 188Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 189Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 190Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 191Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 192Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 193Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 194Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 195Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 462 page
background image
Chapter 7 CHI Module
7-17
CHITXFSPOL:
This bit selects between positive (active high) or negative (active low) polarity for the
transmitted CHIFS signal pulse, relevant whenever the CHI Module is configured as master mode.
Setting this bit to a logic “1” selects negative polarity for the CHIFS pulse. Clearing this bit to a
logic “0” selects positive polarity for the CHIFS pulse.
CHIRXEDGE:
This bit selects whether to use either the rising edge or falling edge of CHICLK to sample the
receive data CHIDIN. Setting this bit to a logic “1” selects rising edge. Clearing this bit to a logic
“0” selects falling edge. CHIDIN must be stable before and after the specified CHICLK edge.
CHITXEDGE:
This bit selects whether to use either the rising edge or falling edge of CHICLK to clock out the
transmit data CHIDOUT. Setting this bit to a logic “1” selects rising edge. Clearing this bit to a
logic “0” selects falling edge.
CHIFSEDGE:
This bit selects whether to use either the rising edge or falling edge of CHICLK to sample the
receive frame sync CHIFS. This bit must be properly set in CHI sync master mode, as well as in
CHI sync slave mode. Setting this bit to a logic “1” selects rising edge. Clearing this bit to a logic
“0” selects falling edge. CHIFS must be stable before and after the specified CHICLK edge; In
CHI sync master mode, CHIFSEDGE must be equal to inverted CHITXFSEDGE.
CHITXFSEDGE:
This bit selects whether to use either the rising edge or falling edge of CHICLK to clock out the
transmit frame sync CHIFS, relevant whenever the CHI Module is configured as master mode.
Setting this bit to a logic “1” selects rising edge. Clearing this bit to a logic “0” selects falling
edge.
CHICLK2XMODE:
This bit selects between 1x and 2x clock modes. Setting this bit to a logic “1” selects 2x clock
mode, which means that the CHICLK frequency equals twice the serial data bit rate. Clearing this
bit to a logic “0” selects 1x clock mode, which means that the CHICLK frequency equals the serial
data bit rate.
CHIRXEN:
This bit is used to enable/disable CHI receive processing in the direct CPU read/write mode,
where the CPU reads the received data through the CHI RX holding register. Setting this bit to a
logic “1” enables CHI receive processing. Clearing this bit to a logic “0” disables CHI receive
processing, causing all received data to not be processed by the CHI module. This bit has no effect
when RX DMA is enabled.
CHITXEN:
This bit is used to enable/disable CHI transmit processing in the direct CPU read/write mode,
where the CPU writes the data to be transmitted through the CHI TX holding register. Setting this
bit to a logic “1” enables CHI transmit processing. Clearing this bit to a logic “0” disables CHI
transmit processing, causing the CHI serial transmitted data to be tri-stated. This bit has no effect
when TX DMA is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com