Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 192 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 192 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 188Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 189Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 190Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 191Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 192Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 193Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 194Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 195Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 196Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 462 page
background image
Chapter 7 CHI Module
7-18
ENCHI:
This bit is used to enable/disable the CHI module. Setting this bit to a logic “1” enables the CHI
module. Clearing this bit to a logic “0” disables the CHI Module and keeps the module in a reset
state but gives no effect on the CHI Control Register.
To begin the CHI operation, follow the procedure below.
1) Set up all the configuration registers except CHIRXEN, CHITXEN, ENDMARXCHI,
ENDMATXCHI, and ENCHI bits.
2) Set either CHIRXEN or ENDMARXCHI, and/or, either CHITXEN or ENDMATXCHI, to a
logic “1”.
3) Set ENCHI to a logic “1”.
To finish the CHI operation.
1) Clear ENCHI to a logic “0”.
2) Clear ENDMARXCHI and/or ENDMATXCHI to a logic “0”, if they were previously set.
7.4.2
CHI Pointer Enable Register
OFFSET
= $1DC:
Bit
Label
RESET
Read/Write
31
CHITXPTRB3EN
X
R/W
30
CHITXPTRB2EN
X
R/W
29
CHITXPTRB1EN
X
R/W
28
CHITXPTRB0EN
X
R/W
27
CHITXPTRA3EN
X
R/W
26
CHITXPTRA2EN
X
R/W
25
CHITXPTRA1EN
X
R/W
24
CHITXPTRA0EN
X
R/W
23
CHIRXPTRB3EN
X
R/W
22
CHIRXPTRB2EN
X
R/W
21
CHIRXPTRB1EN
X
R/W
20
CHIRXPTRB0EN
X
R/W
19
CHIRXPTRA3EN
X
R/W
18
CHIRXPTRA2EN
X
R/W
17
CHIRXPTRA1EN
X
R/W
16
CHIRXPTRA0EN
X
R/W
15-0
Reserved
X
R/W
CHITXPTRB3EN:
This bit is used to enable/disable the timeslot for the transmit channel pointed to by the TDM
switch pointer CHITXPTRB3. Setting this bit to a logic “1” enables the timeslot. Clearing this bit
to a logic “0” disables the timeslot.
CHITXPTRB2EN:
This bit is used to enable/disable the timeslot for the transmit channel pointed to by the TDM
switch pointer CHITXPTRB2. Setting this bit to a logic “1” enables the timeslot. Clearing this bit
to a logic “0” disables the timeslot.
CHITXPTRB1EN:
This bit is used to enable/disable the timeslot for the transmit channel pointed to by the TDM
switch pointer CHITXPTRB1. Setting this bit to a logic “1” enables the timeslot. Clearing this bit
to a logic “0” disables the timeslot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com