Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 196 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 196 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 192Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 193Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 194Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 195Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 196Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 197Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 198Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 199Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 200Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 462 page
background image
Chapter 7 CHI Module
7-22
7.4.5
CHI Transmit Pointer A Register
OFFSET
= $1E8:
write-only
Bit
Label
RESET
Read/Write
31-29
Reserved
28-24
CHITXPTRA3[4:0]
X
W
23-21
Reserved
20-16
CHITXPTRA2[4:0]
X
W
15-13
Reserved
12-8
CHITXPTRA1[4:0]
X
W
7-5
Reserved
4-0
CHITXPTRA0[4:0]
X
W
CHITXPTRA3[4:0]:
write-only
These bits represent the TDM switch pointer which defines the transmit channel timeslot for
byte 3 of the CHI transmit holding register A; register A handles all timeslots from channel 0 to
channel CHINCHAN.
CHITXPTRA2[4:0]:
write-only
These bits represent the TDM switch pointer which defines the transmit channel timeslot for
byte 2 of the CHI transmit holding register A; register A handles all timeslots from channel 0 to
channel CHINCHAN.
CHITXPTRA1[4:0]:
write-only
These bits represent the TDM switch pointer which defines the transmit channel timeslot for
byte 1 of the CHI transmit holding register A; register A handles all timeslots from channel 0 to
channel CHINCHAN.
CHITXPTRA0[4:0]:
write-only
These bits represent the TDM switch pointer which defines the transmit channel timeslot for
byte 0 of the CHI transmit holding register A; register A handles all timeslots from channel 0 to
channel CHINCHAN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com