Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 200 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 200 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 196Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 197Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 198Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 199Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 200Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 201Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 202Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 203Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 204Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 462 page
background image
Chapter 7 CHI Module
7-26
7.4.10
CHI TX Holding Register
OFFSET
= $1FC:
write-only
Bit
Label
RESET
Read/Write
31-0
CHITXHOLD[31:0]
X
W
CHITXHOLD[31:0]:
write-only
These bits represent the CHI data to be transmitted. CHI data can be either written directly to
this register by the CPU or transparently read from the CHI TX DMA buffer to this register. This
register should only be loaded by the CPU after the CHIININTA or CHIININTB interrupt is
asserted. The write immediately after CHIININTA updates the internal TX holding register A and
the write immediately after CHIININTB updates the internal TX holding register B. Transmit data
for bytes 3, 2, 1, and 0 are loaded into the 32-bit CHITXHOLD at locations [31:24], [23:16],
[15:8], and [7:0], respectively. These data bytes correspond to the CHI timeslots as defined by the
values in the CHITXPTRA and CHITXPTRB TDM switch registers.
7.4.11
CHI RX Holding Register
OFFSET
= $1FC:
read-only
Bit
Label
RESET
Read/Write
31-0
CHIRXHOLD[31:0]
X
R
CHIRXHOLD[31:0]:
read-only
These bits represent the CHI data to be received. CHI data can be either read directly from this
register by the CPU or transparently written to the CHI RX DMA buffer from this register. This
register should only be read by the CPU after the CHIININTA or CHIININTB interrupt is asserted.
The read immediately after CHIININTA sees the internal RX holding register A and the read
immediately after CHIININTB sees the internal RX holding register B. Receive data for bytes 3, 2,
1, and 0 are stored into the 32-bit CHIRXHOLD at locations [31:24], [23:16], [15:8], and [7:0],
respectively. These data bytes correspond to the CHI timeslots as defined by the values in the
CHIRXPTRA and CHIRXPTRB TDM switch registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com