Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 204 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 204 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 200Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 201Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 202Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 203Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 204Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 205Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 206Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 207Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 208Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 462 page
background image
Chapter 8 Interrupt Module
8-4
A given pending interrupt is cleared by writing a “1” to the corresponding bit position in the
corresponding Clear Interrupt Register. The output of this Clear Interrupt Register is used to reset the
corresponding Interrupt Status Register.
On power on reset, the Global Enable is cleared to prevent any interrupts from occurring until the
Enable Interrupt Registers are initialized. Also, all Clear Interrupts will be set for the duration of reset
(thus interrupts cleared).
The Interrupt Module also contains 15 High Priority Interrupt sources. A 16-bit Priority Mask
(located within the Enable Interrupt 6 Register) is used to enable any of these high priority interrupts, by
writing a “1” to the corresponding bit position in the Enable Interrupt 6 Register, where bit 15 is the
highest priority. Each bit of the 16-bit Priority Mask is gated with the corresponding 15 High Priority
Interrupt signals and these gated signals are then combined using a bitwise 16-input “OR” tree in order
to generate the IRQHIGH status signal. If IRQHIGH or IRQLOW is asserted, then the overall IRQ will
be asserted.
A Priority Encoder circuit also compares the 16-bit Priority Mask with the 15 High Priority Interrupt
signals and generates a 4-bit interrupt status vector which points to the highest priority pending interrupt
from the set of 16 possible events. Level 15 is the highest priority and Level 1 is the lowest priority,
with Level 0 corresponding to the standard interrupt handler.
The IRQHIGH signal is connected to interrupt bit 4 on the TX39/H Processor Core and the IRQLOW
signal is connected to interrupt bit 2. The IRQHIGH signal is also connected to CPU Co-Processor
Condition bit 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com