Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 206 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 206 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 202Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 203Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 204Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 205Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 206Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 207Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 208Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 209Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 210Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 462 page
background image
Chapter 8 Interrupt Module
8-6
CHIININTA:
Issues an interrupt whenever a valid CHI input sample is available from CHI RX Holding
Register A; this also means a valid CHI output sample can be written to CHI TX Holding Register
B.
CHIININTB:
Issues an interrupt whenever a valid CHI input sample is available from CHI RX Holding
Register B; this also means a valid CHI output sample can be written to CHI TX Holding Register
A.
CHIACTINT:
Issues an interrupt whenever CHICLK is active. This is used for CHI wakeup purposes.
CHIERRINT:
Issues an interrupt whenever a CHI error is received. This interrupt is triggered if CPU or DMA
reading of the CHI RX Holding Registers does not keep up with the hardware filling of the CHI
RX Holding Registers or if CPU or DMA writing of the CHI TX Holding Registers does not keep
up with the hardware emptying of the CHI TX Holding Registers.
SND0_5INT:
Issues an interrupt whenever the sound DMA buffer pointer has reached the halfway point.
SND1_0INT:
Issues an interrupt whenever the sound DMA buffer pointer has reached the end-of-buffer point.
TEL0_5INT:
Issues an interrupt whenever the telecom DMA buffer pointer has reached the halfway point.
TEL1_0INT:
Issues an interrupt whenever the telecom DMA buffer pointer has reached the end-of-buffer
point.
SNDDMACNTINT:
Issues an interrupt each time the sound DMA buffer pointer is incremented, which occurs
whenever a new sound sample is read from and/or written to the sound DMA buffer.
TELDMACNTINT:
Issues an interrupt each time the telecom DMA buffer pointer is incremented, which occurs
whenever a new telecom sample is read from and/or written to the telecom DMA buffer.
LSNDCLIPINT:
Issues an interrupt whenever the amplitude of the left channel sound data is clipping the codec
A/D converter for SIB subframe 1.
RSNDCLIPINT:
Issues an interrupt whenever the amplitude of the right channel sound data is clipping the codec
A/D converter for SIB subframe 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com