Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 210 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 210 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 206Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 207Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 208Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 209Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 210Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 211Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 212Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 213Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 214Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 462 page
background image
Chapter 8 Interrupt Module
8-10
UARTBEMPTYINT:
Issues an interrupt if the UARTB Transmit Holding Register and Transmit Shift Register are
both empty.
UARTBDMAFULLINT:
Issues an interrupt if the UARTB DMA counter reaches the end of the buffer.
UARTBDMAHALFINT:
Issues an interrupt if the UARTB DMA counter reaches the mid point of the buffer.
MBUSTXBUFAVAILINT:
This interrupt is set when the ENMBUS bit is first asserted and subsequently when the contents
of the MBUS Transmitter Holding Register are transferred to the MBUS Shift Register. This
interrupt is used to indicate that the MBUS Transmitter Holding Register is available to be written
by the software.
MBUSTXERRINT:
Issues an interrupt if the Magicbus Transmit Holding Register is written to when the Transmit
Holding Register is not available.
MBUSEMPTYINT:
Issues an interrupt if the Magicbus Transmit Holding Register and Transmit Shift Register are
both empty.
MBUSRXBUFAVAILINT:
Issues an interrupt if the Magicbus Receive Holding Register is loaded with data.
MBUSRXERRINT:
Issues an interrupt if the Magicbus Receive Holding Register is loaded twice before the interrupt
is serviced.
MBUSDETINT:
Issues an interrupt if the Magicbus Command Word detector triggers.
MBUSDMAFULLINT:
Issues an interrupt if the Magicbus DMA Counter reaches the end of the buffer.
MBUSDMAHALFINT:
Issues an interrupt if the Magicbus DMA Counter reaches the mid point of the buffer.
MBUSPOSINT:
Issues an interrupt if the MBUSINT signal goes from a logic “0” to a logic “1”.
MBUSNEGINT:
Issues an interrupt if the MBUSINT signal goes from a logic “1” to a logic “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com