Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 213 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 213 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 209Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 210Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 211Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 212Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 213Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 214Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 215Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 216Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 217Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 462 page
background image
Chapter 8 Interrupt Module
8-13
STPTIMERINT:
This interrupt is set whenever the Stop Timer Counter counts up to the value set by the
STPTIMERVAL[3:0] control bits.
POSPWRINT:
This interrupt is set whenever the PWRINT pin transitions from a logic “0” to a logic “1”.
NEGPWRINT:
This interrupt is set whenever the PWRINT pin transitions from a logic “1” to a logic “0”.
POSPWROKINT:
Issues an interrupt whenever the PWROK signal transitions from a logic “0” to a logic “1”.
NEGPWROKINT:
Issues an interrupt whenever the PWROK signal transitions from a logic “1” to a logic “0”.
POSONBUTNINT:
Issues an interrupt whenever the ONBUTN signal transitions from a logic “0” to a logic “1”. If
the DBNCONBUTN control bit is set, then the interrupt will not set until the signal is debounced
for 16-24 ms.
NEGONBUTNINT:
Issues an interrupt whenever the ONBUTN signal transitions from a logic “1” to a logic “0”. If
the DBNCONBUTN control bit is set, then the interrupt will not set until the signal is debounced
for 16-24 ms.
SPIBUFAVAILINT:
This interrupt is set whenever the ENSPI bit is first asserted and subsequently when the contents
of the SPI Transmitter Holding Register are transferred to the SPI Shift Register. This interrupt is
used to indicate that the SPI Transmitter Holding Register is available to be written by the
software.
SPIERRINT:
This interrupt is set whenever the SPI Transmitter Holding Register is written, but the
SPIBUFAVAILINT has not set to indicate that the register is available. This interrupt serves as an
overrun indication for the software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com