Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 215 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 215 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 211Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 212Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 213Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 214Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 215Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 216Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 217Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 218Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 219Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 462 page
background image
Chapter 8 Interrupt Module
8-15
8.3.6
Interrupt Status 6 Register
OFFSET
= $114:
read-only
Bit
Label
RESET
Read/Write
31
IRQHIGH
–
R
30
IRQLOW
–
R
29
PWROKNMI
0
R/W
28-6
Reserved
5-2
INTVECT[3:0]
–
R
1-0
Reserved
IRQHIGH:
This status bit is the bitwise “OR” of all the 16 possible high priority interrupts.
IRQLOW:
This status bit is the bitwise “OR” of all the interrupts contained in the Interrupt Status 1, 2, 3, 4,
and 5 Registers.
PWROKNMI:
When this bit is set, input to the PWROK pin can be used as the NMI source for the TX39/H
core. When the bit is cleared, NMI for the TX39/H core is disabled.
INTVECT[3:0]:
These 4 status bits indicate a vector pointing to the highest priority pending interrupt from the
set of 16 possible high priority interrupt events. The set of high priority interrupts is listed below,
where level 15 is the highest priority and level 1 is the lowest priority. Level 0 corresponds to the
standard interrupt handler.
priority level
high priority interrupt source
15
POSPWROKINT or NEGPWROKINT
14
ALARMINT
13
PERINT
12
MBUSPOSINT or MBUSNEGINT
11
UARTARXINT
10
UARTBRXINT
9
MFIOPOSINT (19) or MFIOPOSINT (18) or
MFIOPOSINT (17) or MFIOPOSINT (16)
8
MFIOPOSINT (1) or MFIOPOSINT (0) or
IOPOSINT (6) or IOPOSINT (5)
7
MFIONEGINT (19) or MFIONEGINT (18) or
MFIONEGINT (17) or MFIONEGINT (16)
6
MFIONEGINT (1) or MFIONEGINT (0) or
IONEGINT (6) or IONEGINT (5)
5
MBUSDMAFULLINT
4
SNDDMACNTINT
3TELDMACNTINT
2
CHIDMACNTINT
1
IOPOSINT (0) or IONEGINT (0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com