Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 219 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 219 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 215Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 216Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 217Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 218Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 219Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 220Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 221Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 222Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 223Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 462 page
background image
Chapter 9 I/O Module
9-1
9.
I/O Module
9.1
Overview
The I/O Module within the TMPR3911/12 contains support for reading and writing the 7 bi-directional
general purpose I/O pins and the 32 bi-directional multi-function I/O pins.
Each of the general purpose I/O pins can be independently configured as an input or output port. Each port
can generate a separate positive and negative edge interrupt and each port can also be independently
configured to use a debouncer.
Of the 137 signal pins found on the TMPR3911/12, 32 of them are multi-function and can be
independently programmed either as I/O ports or for an alternate standard/normal function. This allows the
TMPR3911/12 to support a flexible and wide range of system applications and configurations. As an I/O
port, any of these pins can be programmed as an input or output port, with the capability of generating a
separate positive and negative edge interrupt.
9.1.1
Related Pins
I/O[6:0]:
INPUT/OUTPUT
These pins are general purpose input/output ports. Each port can be independently programmed
as an input or output port. Each port can generate a separate positive and negative edge interrupt.
Each port can also be independently programmed to use a 16 ms to 24 ms debouncer.
MFIO[1:0]:
INPUT/OUTPUT
These pins are multi-function input/output ports. Each port can be independently programmed as
an input or output port, or can be programmed for multi-function use to support test signals (for
debugging purposes only). Each port can generate a separate positive and negative edge interrupt.
Note that 30 other multi-function pins are available for usage as multi-function input/output ports.
These pins are named according to their respective standard/normal function and are not listed
here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com