Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 214 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 214 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 210Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 211Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 212Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 213Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 214Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 215Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 216Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 217Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 218Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 462 page
background image
Chapter 8 Interrupt Module
8-14
SPIRCVINT:
This interrupt is set whenever the contents of the SPI Shift Register are transferred to the SPI
Receiver Holding Register. This interrupt is used to indicate that there is valid data in the SPI
Receiver Holding Register to be read by the software.
SPIEMPTYINT:
This interrupt is set whenever the both the SPI Shift Register and the SPI Transmitter Holding
Register are empty. This interrupt can be used by the software to determine when the SPI is idle.
IRCONSMINT:
Whenever the upper byte of data is loaded into the 7-bit Period Number Counter, the lower byte
of data is loaded into an intermediate holding register. At this time the 16-bit IR Holding Register
is empty. The IRCONSMINT interrupt is then set to inform the CPU that the IR Holding Register
is available. The CPU must fill the next word of data into the IR Holding Register before the 7-bit
Period Number Counter is finished counting the periods for both the upper and lower bytes of data.
CARSTINT:
This interrupt is set whenever the Carrier Detect State Machine detects the CARDET pin is high
just before turning off the RXPWR pin.
POSCARINT:
This interrupt is set whenever CARDET pin transitions from a logic “0” to a logic “1”.
NEGCARINT:
This interrupt is set whenever CARDET pin transitions from a logic “1” to a logic “0”.
IOPOSINT (6:0):
Issues an interrupt whenever any of the general purpose I/O pin(s) transitions from a logic “0” to
a logic “1”. There are a total of 7 general purpose I/O pins (6 thru 0), each of which corresponds to
the respective bit within this Status Register. Each general purpose I/O pin can independently
trigger an interrupt.
IONEGINT (6:0):
Issues an interrupt whenever any of the general purpose I/O pin(s) transitions from a logic “1” to
a logic “0”. There are a total of 7 general purpose I/O pins (6 thru 0), each of which corresponds to
the respective bit within this Status Register. Each general purpose I/O pin can independently
trigger an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com