Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 203 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 203 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 199Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 200Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 201Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 202Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 203Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 204Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 205Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 206Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 207Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 462 page
background image
Chapter 8 Interrupt Module
8-3
8.2.2
Interrupt Logic Description
Figure 8.2.1 shows a block diagram of the interrupt circuit for a single interrupt source. Every other
interrupt source contains an identical circuit.
The overall Interrupt Module contains 5 main sets of registers (numbered 1 through 5), with a 6th
register allocated for setting the global interrupt enable and the 16-bit Priority Mask, and for reading the
Priority Interrupt Vector and IRQHIGH and IRQLOW status bits. Each bit within each of the 5 main
sets then consists of 3 registers: Status, Enable, and Clear.
•
Interrupt Status Register
read-only
•
allows CPU to read logic state of interrupt status
•
informs the CPU which interrupts are pending
•
Enable Interrupt Register
read/write
•
allows CPU to enable a given interrupt
•
each individual interrupt has a corresponding enable bit
•
Clear Interrupt Register
write-only
•
allows CPU to clear a given pending interrupt
•
each individual interrupt has a corresponding clear bit
•
each individual interrupt clear address and bit position maps one-to-one with the interrupt
status address and bit position (status transactions are CPU reads, clear transactions are CPU
writes)
A given Interrupt Status Register is set by the corresponding individual interrupt event. For example,
this event could be a positive (or negative) edge transition on an external TMPR3911/12 pin. Another
example might be an event triggered by an internal TMPR3911/12 module, such as a particular DMA
buffer reaching the end-of-buffer point.
The output of a given Interrupt Status Register is readable by the CPU, by reading the address which
points to the corresponding Interrupt Status Register. A given interrupt is enabled by writing a “1” to the
corresponding bit position in the corresponding Enable Interrupt Register. The Interrupt Status Register
output bit is then gated with the enable bit from the corresponding Enable Interrupt Register. The output
of this gate is then combined with all the other gated Interrupt Status bits using a wide bitwise “OR”
tree in order to generate the IRQLOW status signal. In other words, if ANY of the gated Interrupt Status
signals is asserted and the global interrupt enable GLOBALEN is asserted, then IRQLOW will be
asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com