Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 199 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 199 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 195Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 196Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 197Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 198Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 199Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 200Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 201Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 202Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 203Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 462 page
background image
Chapter 7 CHI Module
7-25
ENDMATXCHI:
This bit enables the CHI DMA transmit function. Setting this bit to a logic “1” enables the DMA
mode. Clearing this bit to a logic “0” disables the DMA mode. This bit should not be set until the
CHIRXSTART, CHITXSTART, and CHISIZE registers are setup. To enable CHI DMA transmit
function, this bit must be set before the CHI Module is enabled (ENCHI asserted). Either
ENDMARXCHI or ENDMATXCHI or both can be set at a time since the CHI DMA controller can
support full duplex operation.
7.4.8
CHI RX Start Register
OFFSET
= $1F4:
write-only
Bit
Label
RESET
Read/Write
31-2
CHIRXSTART[31:2]
X
W
1-0
Reserved
CHIRXSTART[31:2]:
write-only
These bits define the start address for the CHI RX DMA buffer. The CHI RX buffer and CHI TX
buffer can be configured to either reside in different memory spaces or share the same memory
space (overlapping buffers for loopback purposes or for optimum memory allocation).
7.4.9
CHI TX Start Register
OFFSET
= $1F8:
write-only
Bit
Label
RESET
Read/Write
31-2
CHITXSTART[31:2]
X
W
1-0
Reserved
CHITXSTART[31:2]:
write-only
These bits define the start address for the CHI TX DMA buffer. The CHI RX buffer and CHI TX
buffer can be configured to either reside in different memory spaces or share the same memory
space (overlapping buffers for loopback purposes or for optimum memory allocation).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com