Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 198 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 198 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 194Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 195Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 196Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 197Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 198Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 199Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 200Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 201Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 202Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 462 page
background image
Chapter 7 CHI Module
7-24
7.4.7
CHI Size Register
OFFSET
= $1F0:
Bit
Label
RESET
Read/Write
31-30
Reserved
29-18
CHIDMAPTR[13:2]
–
R
17-16
Reserved
15
CHIBUFF1TIME
0
R/W
14
CHIDMALOOP
0
R/W
13-2
CHISIZE[13:2]
X
W
1
ENDMARXCHI
0
R/W
0
ENDMATXCHI
0
R/W
CHIDMAPTR[13:2]:
read-only
These bits provide the status of the CHI DMA counter.
CHIBUFF1TIME:
The CHI DMA controller supports two buffer addressing modes depending on the state of this
bit. When CHIBUFF1TIME is set to a logic “1”, the CHI DMA controller will stop executing
when it reaches the end of the DMA buffer. When CHIBUFF1TIME is cleared to a logic “0”, the
CHI DMA controller will loop back to the start of the DMA buffer when the end of the DMA
buffer is reached and will continue operating in a continuous and circular manner.
CHIDMALOOP:
The CHI DMA controller supports two full-duplex loopback modes depending on the state of
this bit. When CHIDMALOOP is set to a logic “1”, the CHI DMA controller issues RX DMA
requests first, followed by TX DMA requests. This ordering allows an RX-to-TX immediate
loopback via the DMA buffer. When CHIDMALOOP is cleared to a logic “0”, the CHI DMA
controller issues TX DMA requests first, followed by RX DMA requests. This ordering allows a
single circular DMA buffer to be used for both TX and RX, if so desired.
CHISIZE (13:2):
write-only
These bits define the size of the CHI DMA buffers (16 Kbytes maximum). Both the CHI RX
buffer and the CHI TX buffer are the same size. The last address in the CHI RX DMA buffer is
given by CHIRXSTART[31:2]
+ CHISIZE[13:2]. The last address in the CHI TX DMA buffer is
given by CHITXSTART[31:2]
+ CHISIZE[13:2]. The value loaded into CHISIZE should be equal
to the desired buffer length
−1.
ENDMARXCHI:
This bit enables the CHI DMA receive function. Setting this bit to a logic “1” enables the DMA
mode. Clearing this bit to a logic “0” disables the DMA mode. This bit should not be set until the
CHIRXSTART, CHITXSTART, and CHISIZE registers are setup. To enable CHI DMA receive
function, this bit must be set before the CHI Module is enabled (ENCHI asserted). Either
ENDMARXCHI or ENDMATXCHI or both can be set at a time since the CHI DMA controller can
support full duplex operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com