Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 188 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 188 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 184Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 185Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 186Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 187Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 188Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 189Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 190Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 191Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 192Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 462 page
background image
Chapter 7 CHI Module
7-14
Half-buffer and end-of-buffer DMA address counter interrupts are available, allowing the CPU to
minimize overhead and utilize the DMA buffer in a ping-pong fashion. For transmit mode, the CPU can
use these interrupts to fill or write one half of the buffer while the other half is being emptied by the
DMA controller for transmitting out the CHI. Similarly, for receive mode, the CPU can use these
interrupts to empty or read one half of the buffer while the other half is being filled by the DMA
controller from received CHI input samples.
Also available is a direct CPU read/write mode for bypassing the DMA, allowing the CPU to read or
write the CHI data on a sample by sample basis, if so desired. Separate DMA enables for receive and
transmit allow DMA to be setup for receive only (transmit via CPU), transmit only (receive via CPU),
receive and transmit, or none (receive and transmit via CPU).
The DMA circuit also provides an interrupt each time the DMA buffer pointer is incremented, which
occurs whenever a new sample is read from and/or written to the DMA buffer. This interrupt may be
useful for triggering a read of the DMA pointer status value, which is the actual 12-bit DMA address
counter output. This value indicates exactly where the current address is pointing to in the overall DMA
buffer.
7.3.6
Related Interrupts
CHI0_5INT:
Issues an interrupt whenever the CHI DMA buffer pointer has reached the halfway point.
CHI1_0INT:
Issues an interrupt whenever the CHI DMA buffer pointer has reached the end-of-buffer point.
CHIDMACNTINT:
Issues an interrupt each time the CHI DMA buffer pointer is incremented, which occurs
whenever a new CHI sample is read from and/or written to the CHI DMA buffer.
CHIININTA:
Issues an interrupt whenever a valid CHI input sample is available from CHI RX Holding
Register A; this also means a valid CHI output sample can be written to CHI TX Holding Register
A.
CHIININTB:
Issues an interrupt whenever a valid CHI input sample is available from CHI RX Holding
Register B; this also means a valid CHI output sample can be written to CHI TX Holding Register
B.
CHIACTINT:
Issues an interrupt whenever CHICLK is active. This is used for CHI wakeup purposes.
CHIERRINT:
Issues an interrupt whenever a CHI error is received. This interrupt is triggered if CPU or DMA
reading of the CHI RX Holding Registers does not keep up with the hardware filling of the CHI
RX Holding Registers or if CPU or DMA writing of the CHI TX Holding Registers does not keep
up with the hardware emptying of the CHI TX Holding Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com