Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 189 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 189 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 185Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 186Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 187Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 188Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 189Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 190Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 191Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 192Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 193Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 462 page
background image
Chapter 7 CHI Module
7-15
7.4
CHI Registers
7.4.1
CHI Control Register
OFFSET
= $1D8:
Bit
Label
RESET
Read/Write
31-30
Reserved
29
CHILOOP
0
R/W
28
CHIENTEST
0
R/W
27
CHIFSDIR
0
R/W
26-25
CHIFSWIDTH[1:0]
X
R/W
24-20
CHINCHAN[4:0]
X
R/W
19-16
CHITXBOFF[3:0]
X
R/W
15-12
CHIRXBOFF[3:0]
X
R/W
11
TXMSBFIRST
X
R/W
10
RXMSBFIRST
X
R/W
9
CHIRXFSPOL
X
R/W
8
CHITXFSPOL
X
R/W
7CHIRXEDGE
X
R/W
6CHITXEDGE
X
R/W
5CHIFSEDGE
X
R/W
4
CHITXFSEDGE
X
R/W
3
CHICLK2XMODE
0
R/W
2CHIRXEN
0
R/W
1CHITXEN
0
R/W
0
ENCHI
0
R/W
CHILOOP:
This bit is used for IC testing and should not be set. Setting this bit to a logic “1” will cause the
CHI serial transmitted data to be internally looped back to the CHI serial receive data path. The
data is inverted when this mode is selected. Clearing this bit to a logic “0” selects the normal
CHIDIN pin as the CHI serial receive data source.
CHIENTEST:
This bit is used for IC testing and should not be set.
CHIFSDIR:
This bit controls the direction of the CHIFS pin. Setting this bit to a logic “1” configures CHIFS
to be an output (CHI sync master mode). Clearing this bit to a logic “0” configures CHIFS to be an
input (CHI sync slave mode). Note that CHIRXFSPOL and CHIFSEDGE bits must be set to
proper values even when CHIFSDIR is set to a logic “1” (CHI sync master mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com