Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 228 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 228 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 224Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 225Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 226Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 227Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 228Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 229Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 230Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 231Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 232Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 462 page
background image
Chapter 9 I/O Module
9-10
9.3.2
MFIO Data Output Register
OFFSET
= $184:
Bit
Label
RESET
Read/Write
31-0
MFIODOUT[31:0]
X
R/W
MFIODOUT[31:0]:
These bits correspond to the data output values for the 32 multi-function I/O ports. Setting or
clearing a specific bit location controls the logic state of the respective multi-function I/O port, if
that pin is configured as an output.
9.3.3
MFIO Direction Register
OFFSET
= $188:
Bit
Label
RESET
Read/Write
31-0
MFIODIREC[31:0]
0
R/W
MFIODIREC[31:0]:
These bits control the direction of the 32 multi-function I/O ports. Setting a specific bit location
to a logic “1” configures the respective multi-function I/O port to be an output. Clearing a specific
bit location to a logic “0” configures the respective multi-function I/O port to be an input.
9.3.4
MFIO Data Input Register
OFFSET
= $18C:
read-only
Bit
Label
RESET
Read/Write
31-0
MFIODIN[31:0]
–
R
MFIODIN[31:0]:
read-only
These bits correspond to the data input values for the 32 multi-function I/O pins. Reading a
specific bit location returns the logic state of the respective multi-function I/O pin, regardless of
whether that pin is configured as an output or input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com