Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 231 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 231 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 227Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 228Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 229Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 230Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 231Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 232Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 233Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 234Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 235Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 462 page
background image
Chapter 10 IR Module
10-1
10. IR Module
10.1 Overview
The IR Module consists of three parts. The first is the Consumer Interface, which provides an easy
mechanism for generating pulses to either turn on or turn off a light emitting diode (LED). The pattern in
which the diode is turned on and off is used to encode commands which emulate remote control key presses
that the consumer device recognizes. The software is responsible for programming the IR Module parameters
to emulate desired consumer remote control protocols and key presses. The Consumer Interface provides
universal control of common consumer devices such as televisions, VCR’s, hi-fi equipment, appliances, etc.
The second part of the IR Module is the Communication Interface. The IR Module can be used in one of
two data communication modes: using a frequency shift keyed (FSK) modulation scheme or using a scheme
based on the protocol standardized by the InfraRed Data Association (IrDA).
The Communication Interface is implemented using a standard UART protocol with an adjustable baud
rate. This interface operates half-duplex in one direction at a time. The UARTB Module is used for both the
FSK and IrDA data communication modes (see Section 16 for a detailed description of the UART Module).
For the FSK mode transmit direction, external communication IR analog circuitry encodes the UART
output data using an FSK modulation scheme. For the receive direction, external communication IR analog
circuitry amplifies the received photo-diode signal and demodulates the FSK signal before feeding the
UART input.
For the IrDA mode transmit direction, the UART output data directly drives the external analog LED
circuit. For the receive direction, the received photo-diode signal is externally amplified before feeding the
UART input. Additional control bits in the UART Module also allow for various narrow pulse options to
support the IrDA 1.0 standard.
The final part of the IR Module is the Carrier Detect State Machine Interface. This interface is used to
periodically enable the receiver in the external communication IR analog circuitry to detect whether there is
a valid carrier present. If a valid carrier is present then an interrupt will be issued so the system can begin
receiving data.
10.1.1
Related Pins
IROUT:
OUTPUT
This pin is the UART transmit signal from the UARTB Module or the Consumer IR output
signal if Consumer IR mode is enabled.
IRIN:
INPUT
This pin is the UART receive signal to the UARTB Module.
RXPWR:
OUTPUT
This pin is the receiver power output control signal to the external communication IR analog
circuitry.
CARDET:
INPUT
This pin is the carrier detect input signal from the external communication IR analog circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com