Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 234 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 234 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 230Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 231Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 232Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 233Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 234Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 235Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 236Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 237Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 238Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 462 page
background image
Chapter 10 IR Module
10-4
10.3 Two-Way Communication Via IR
10.3.1
Requirements
The Communication Interface is implemented using a standard UART protocol, consisting of a start
bit, 8 bits of data (LSB first), then a stop bit. The data rate is adjustable using a programmable baud rate
counter. The Communication Interface consists of both a transmitter and a receiver and the UART is
operated half-duplex in one direction at a time. The UARTB Module is used for both the FSK and IrDA
data communication modes and contains DMA support for transmit and receive data (see Section 16 for
a detailed description of the UART Module).
For the FSK mode transmit direction, external communication IR analog circuitry encodes the
UARTB output data using an FSK modulation scheme, which modulates at two different frequencies
depending on whether the data is a “1” or a “0”. The carrier frequency is 1375 kHz and the mark and
space frequencies are 1325 kHz and 1425 kHz, respectively. For the receive direction, external
communication IR analog circuitry amplifies the received photo-diode signal and demodulates and
decodes the FSK signal before feeding the UARTB input. The transmitter and receiver portions of the
external communication IR analog circuitry contain individual power-down control for power
management purposes. The FSK communication mode operates at a data rate of 2400 to 38400 bps at 3
meters.
For the IrDA mode transmit direction, the UARTB output data directly drives the external analog
LED circuit. For the receive direction, the received photo-diode signal is externally amplified before
feeding the UARTB input. Additional control bits in the UART Module also allow for various narrow
pulse options to support the IrDA 1.0 standard. When configured for these options, the UART transmit
output pulses are narrower than normal and the UART receiver circuit also expects the same narrow
pulse format for the input data. The IrDA communication mode operates at a data rate up to 115.2 kbps
at 1 meter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com