Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 238 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 238 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 234Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 235Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 236Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 237Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 238Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 239Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 240Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 241Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 242Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 462 page
background image
Chapter 10 IR Module
10-8
10.5 IR Registers
10.5.1
IR Control 1 Register
OFFSET
= $0A0:
Bit
Label
RESET
Read/Write
31-25
Reserved
24
CARDET
–
R
23-16
BAUDVAL[7:0]
X
R/W
15-5
Reserved
4TESTIR
0
R/W
3
DTINVERT
0
R/W
2RXPWR
0
R/W
1
ENSTATE
0
R/W
0
ENCONSM
0
R/W
CARDET:
read-only
This bit provides the status of the CARDET (carrier detect) input pin.
BAUDVAL[7:0]:
These bits are used to pre-scale the IR master clock (IRCLK). The bits are loaded into an 8-bit
down-counter that counts at the IRCLK rate. The resulting baud clock is used to clock the Period
Width Counter and OnTime Width Counter.
TESTIR:
This bit is used to speed up the counters for IC testing and should not be set.
DTINVERT:
Setting this bit to a logic “1” will cause the IROUT signal to be active low instead of active high.
RXPWR:
This bit is connected to the RXPWR pin.
ENSTATE:
Setting this bit to a logic “1” enables the Communication IR carrier detect state machine.
ENCONSM:
Setting this bit to a logic “1” enables the Consumer IR function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com