Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 240 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 240 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 236Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 237Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 238Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 239Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 240Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 241Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 242Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 243Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 244Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 462 page
background image
Chapter 10 IR Module
10-10
10.5.3
IR Holding Register
OFFSET
= $0A8:
write-only
Bit
Label
RESET
Read/Write
31-16
Reserved
15-0
TXHOLD[15:0]
X
W
TXHOLD[15:0]:
write-only
These bits are used to define the number of pulses in a burst or the amount of time to keep the
IROUT pin low. The lower seven bits of the upper byte and the lower seven bits of the lower byte
are used as values to load into a 7-bit counter that counts the number of periods as defined by the
Period Value. The upper bit in each byte if set to a logic “1” causes pulses on the IROUT pin and if
set to a logic “0” causes the IROUT pin to remain low for a given count.
Before setting the ENCONSM bit the TXHOLD register must be pre-loaded with the first valid
word of data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com