Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 236 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 236 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 232Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 233Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 234Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 235Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 236Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 237Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 238Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 239Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 240Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 462 page
background image
Chapter 10 IR Module
10-6
10.4 Carrier Detect State Machine
10.4.1
Requirements
The external communication IR analog circuitry contains a circuit which detects if there is a valid
carrier present. It is not desirable to leave this circuit enabled all the time because it dissipates too much
power. Thus the circuit is powered on and off with the RXPWR pin. It is possible for the CPU to
periodically enable the RXPWR pin, then wait to see if a carrier is present (CARDET pin
= “1”), but
this requires a lot of processor overhead. In order to alleviate the overhead, the IR Module contains a
circuit that periodically enables the RXPWR pin, waits a specified period of time, samples the
CARDET pin, then disables the RXPWR pin. If the CARDET pin is a “1” when sampled then an
interrupt is issued to the CPU indicating that there is a valid carrier present. After enabling the RXPWR
pin the CARDET pin cannot be sampled for a specified amount of time because the Carrier Detect
Logic in the external communication IR analog circuitry takes time to settle. The time between
successive enabling of the RXPWR pin is programmable depending on the desired sample rate.
Wait Value
Delay Value
Valid Carrier
No Valid Carrier
Settle Time
Settle Time
CARDET
RXPWR
Figure 10.4.1 Carrier Detect State Timing
10.4.2
Block Diagram
RXPWR
8-Bit
WAIT
DOWN
COUNTER
8-Bit
DELAY
DOWN
COUNTER
7.8 ms CLOCK
WAITVAL (7:0)
DELAYVAL (7:0)
Figure 10.4.2 Carrier Detect Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com