Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 239 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 239 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 235Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 236Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 237Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 238Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 239Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 240Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 241Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 242Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 243Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 462 page
background image
Chapter 10 IR Module
10-9
10.5.2
IR Control 2 Register
OFFSET
= $0A4:
write-only
Bit
Label
RESET
Read/Write
31-24
PER[7:0]
X
W
23-16
ONTIME[7:0]
X
W
15-8
DELAYVAL[7:0]
X
W
7-0
WAITVAL[7:0]
X
W
PER[7:0]:
write-only
These bits are used to define the period of the Consumer IR pulses. The bits are loaded into an 8-
bit down-counter that counts at the rate defined by the Baud Value. The resulting period is given by
the following equation. (fIRCLK is the frequency of the IR master clock (IRCLK).)
Period
= (PER + 1) * (BAUDVAL + 1) * (1/fIRCLK)
ONTIME[7:0]:
write-only
These bits are used to define the On Time of the Consumer IR pulses. These bits are loaded into
an 8-bit down-counter that counts at the rate defined by the Baud Value. The resulting On Time is
given by the following equation.
On Time
= ONTIME * (BAUDVAL + 1) * (1/fIRCLK)
DELAYVAL[7:0]:
write-only
These bits are used to define the amount of time that the RXPWR pin will be a logic “1” when
the Carrier State Machine logic is enabled. The bits are loaded into an 8-bit down-counter that
counts at a 7.8 ms rate. Thus the time is programmable from 7.8 ms to 2.0 seconds.
Delay Time
= (DELAYVAL + 1) *7.8 ms
WAITVAL[7:0]:
write-only
These bits are used to define the amount of time to wait before asserting the RXPWR pin to a
logic “1” when the Carrier State Machine logic is enabled. The bits are loaded into an 8-bit down-
counter that counts whenever the DELAYVAL counter reaches a count of zero. Thus the time is
programmable from 7.8 ms to 511 seconds.
Wait Time
= (DELAYVAL + 1) * (WAITVAL + 1) *7.8 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com