Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 241 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 241 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 237Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 238Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 239Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 240Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 241Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 242Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 243Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 244Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 245Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 462 page
background image
Chapter 11 Magicbus Module
11-1
11. Magicbus Module
11.1 Overview
Magic Port is a multifunction expansion port for a wide range of serial peripheral connections. Magicbus
is a serial interface standard which includes an advanced communications protocol for interfacing to low-
cost and low-power daisy-chainable peripherals and docks. The Magicbus implementation is intended to
support peripherals such as scanners, modems, battery chargers, base stations (including intelligent
answering machines, telephones, fast chargers, etc.), storage devices, etc. Magicbus features high-speed data
transfer rates (up to 14.75 Mbps), daisy-chainable peripherals (up to 6 maximum), and hot plugging. A low-
cost Magicbus Interface Circuit (MBIC) is also available for use in peripherals. This interface can be
implemented as a discrete circuit, as a standalone ASIC, or integrated with a microcontroller core (e.g.,
68HC05 type).
Magicbus consists of a synchronous, serial two-wire (clock and data), half-duplex communications
protocol. The clock and data signals are bi-directional, such that the TMPR3911/12 Magicbus Module can be
dynamically configured as the bus master or slave at a given time. The protocol also includes an interrupt
source for initiating all peripheral servicing, as well as when peripherals have been attached to or detached
from the bus. TMPR3911/12’s Magicbus Module contains independent transmitter and receiver logic to
implement the half-duplex serial data transfer, with DMA support provided for both the transmit and receive
directions. The independent transmitter and receiver allow a peripheral to control the data rate of the
receiving shift register, since the receiver uses the peripheral’s transmit clock as it’s clock source.
11.1.1
Related Pins
MBUSCLK:
INPUT/OUTPUT
This pin is the bi-directional Magicbus clock signal. MBUSCLK is an input signal whenever the
TMPR3911/12 is in the slave mode and is an output signal whenever the TMPR3911/12 is in the
master mode.
MBUSDATA:
INPUT/OUTPUT
This pin is the bi-directional Magicbus data signal. MBUSDATA is an input signal whenever the
TMPR3911/12 is in the slave mode and is an output signal whenever the TMPR3911/12 is in the
master mode.
MBUSINT:
INPUT
This pin is the Magicbus interrupt signal. This signal is used to interrupt the TMPR3911/12
whenever a peripheral has been attached to or detached from the bus, or whenever a peripheral has
initiated an interrupt event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com