Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 229 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 229 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 225Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 226Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 227Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 228Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 229Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 230Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 231Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 232Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 233Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 462 page
background image
Chapter 9 I/O Module
9-11
9.3.5
MFIO Select Register
OFFSET
= $190:
Bit
Label
RESET
Read/Write
31-0
MFIOSEL[31:0]
$F20F0FFF
R/W
MFIOSEL[31:0]:
These bits correspond to the select mode for the 32 multi-function I/O pins. Setting a specific bit
location to a logic “1” configures the respective multi-function I/O pin to be selected as a bi-
directional I/O port. Clearing a specific bit location to a logic “0” configures the respective multi-
function I/O pin to be selected as a standard/normal pin function.
9.3.6
I/O Power-Down Register
OFFSET
= $194:
Bit
Label
RESET
Read/Write
31-7
Reserved
6-0
IOPD[6:0]
$7F
R/W
IOPD[6:0]:
These bits control the power-down state for the 7 general purpose I/O pins. Setting a specific bit
location to a logic “1” configures the respective general purpose I/O pin to power down when the
TMPR3911/12 powers down. Clearing a specific bit location to a logic “0” configures the
respective general purpose I/O pin to be in an active state at all times.
9.3.7
MFIO Power-Down Register
OFFSET
= $198:
Bit
Label
RESET
Read/Write
31-0
MFIOPD[31:0]
$FAF03FFC
R/W
MFIOPD[31:0]:
These bits control the power-down state for the 32 multi-function I/O ports. Setting a specific bit
location to a logic “1” configures the respective multi-function I/O port to power down when the
TMPR3911/12 powers down. Clearing a specific bit location to a logic “0” configures the
respective multi-function I/O port to be in an active state at all times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com