Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 277 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 277 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 273Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 274Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 275Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 276Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 277Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 278Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 279Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 280Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 281Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 462 page
background image
Chapter 13 SIB Module
13-7
13.3.3
Configurations
Many configuration options exist for the SIB. The SIB Module control bits SELSNDSF1 and
SELTELSF1 are used to determine the desired SIB configuration. See Table 13.3.1 for a summary
matrix of these possible configurations. The lowest cost configuration utilizes TC35143 only, assigned
to subframe 0 of the SIB, while subframe 1 is not used. For this configuration, the system utilizes the
audio and telecom codecs within TC35143. The SIBSCLK rate is fixed and the independent sound and
telecom sample rates are controlled via TMPR3911/12 and TC35143 programmable counters.
Table 13.3.1 SIB Configuration Matrix (1)
TMPR3912AU-92/XB-92; 11.520 MHz crystal to be used. RF[1:0] = 00, SLOWBUS = 0.
sound
codec
telecom
codec
TMPR3912
clk2x [1]
sibsclk
sibmclk out
or sound
OSC in [2]
SIB
frame
rate [3]
comments
TC35143;
Fs
= 8K,
11.05K, 16K,
or 22.15K
TC35143;
Fs
= 7.2K,
8K, or 9.6K
92.16M
9.216M
(
÷10)
18.432M
out (
÷5)
72K
TC35143 only;
lowest cost;
sibsclk
= fixed;
sound & telecom Fs control;
via TC35143 prgm [4];
SIB subframe0
= TC35143;
SIB subframe1
= not used;
SELSNDSF1
= 0;
SELTELSF1
= 0;
Table 13.3.2 SIB Configuration Matrix (2)
The TMPR3911BU/BXB SIB does not provide support for a 7.3728-MHz crystal. To use the SIB,
use a 6.912-MHz crystal. RF[1:0]=00, SLOWBUS=0.
sound
codec
telecom
codec
TMPR3912
clk2x [1]
sibsclk
sibmclk out
or sound
OSC in [2]
SIB
frame
rate[3]
comments
TC35143;
Fs
= 8 k
11.05 k, 16 k,
or 22.15 k
TC35143;
Fs
= 7.2 k,
8 k, or 9.6 k
55.296 M
9.216 M
(
÷6)
18.432 M
out (
÷3)
72 k
TC35143 only;
lowest cost;
sibsclk
= fixed;
sound & telecom Fs control;
via TC35143 prgm [4];
SIB subframe1
= not used;
SELSNDSF1
= 0;
SELTELSF1
= 0;
NOTES :
[1]
TMPR3911/12 clk2x is internal high-rate system-wide clock
[2]
optional external sound OSC can be connected to TMPR3911/12 sibmclk (to allow decoupling of
SIB clocks from clk2x; else this pin can be configured as buffered sibmclk output which is
synchronously divided down from clk2x (sibmclk allows potential support of codecs requiring a
high-rate fixed master clock
+ a sample-rate-dependent serial clock); sibsclk serial clock is always
synchronously divided down from sibmclk
[3]
SIB frame rate
= sibsclk ÷ 128; ratio for average number of SIB-frames per valid-data-frame is
dependent upon sound & telecom Fs
[4]
TC35143 audio/telecom Fs divider programmability: SIB-frame/valid-data-frame RATIO
(sibsclk
× 2) ÷ (40 × 64) = 7.2K
5
(sibsclk
× 2) ÷ (36 × 64) = 8K
4.5
(sibsclk
× 2) ÷ (30 × 64) = 9.6K
3.75
(sibsclk
× 2) ÷ (15 × 64) = 19.2K (1.6% error vs. 18.9K for CD-XA)
1.875
(sibsclk
× 2) ÷ (13 × 64) = 22.154K (0.47% error vs. 22.050K for CD-Audio)
1.625
(sibsclk
× 2) ÷ (12 × 64) = 24K
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com