Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 281 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 281 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 277Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 278Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 279Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 280Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 281Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 282Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 283Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 284Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 285Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 462 page
background image
Chapter 13 SIB Module
13-11
13.3.6
Data Formats
The TMPR3911/12’s SIB Module logic contains transmit and receive holding registers which are
used by the DMA circuit or CPU to write and read sound and telecom data and SIB control and status
register data. The SNDTXHOLD and SNDRXHOLD registers are used for transmit and receive sound
data corresponding to the appropriate subframe (0 or 1), according to the configuration as determined
by the SELSNDSF1 control bit. Similarly, the TELTXHOLD and TELRXHOLD registers are used for
transmit and receive telecom data corresponding to the appropriate subframe (0 or 1), according to the
configuration as determined by the SELTELSF1 control bit. All of these holding registers are 32 bits
wide, and the appropriate shift register fields for each subframe are written to or read from based on the
programmed sound and telecom samples rates, mono versus stereo mode, and 8-bit versus 16-bit
modes.
The SF0AUX and SF1AUX control holding registers and SF0STAT and SF1STAT status holding
registers are also 32 bits wide. Each of these control holding registers updates the control fields for the
respective subframe once per frame. These transmit holding registers load the same control data into the
shift register until the CPU updates the contents of the holding register. Similarly, the status holding
registers are updated from the received status data in the shift register once per frame. The contents of
the receive holding registers are available to be read by the CPU at any time.
The SIB data format for transfers to and from TC35143 is shown in Figure 13.3.4. Each word
consists of fields containing audio data, telecom data, and control register address and data. During each
frame, data is transferred bi-directionally (using SIBDIN and SIBDOUT) for all of these fields. For
instance, the audio data field is written once every frame (from the TMPR3911/12 to TC35143) via
SIBDOUT and also returns audio data (from TC35143 to the TMPR3911/12) at the same time via
SIBDIN.
016
32
48
64
Register data[15:0]
audio data[11:0]
Telecom data[15:0]
write
Audio vflag
telecom vflag
register addr[3:0]
Figure 13.3.4 Data Format for TC35143 Word Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com