Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 104 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 104 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 108Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 174 page
background image
WM8991
Pre-Production
w
PP, May 2008, Rev 3.1
104
Audio
Interface
BCLK
ADCLRC
ADCDAT
DACLRC
DACDAT
BCLK2
DACLRC2
DACDAT2
ADC_BCLK
ADC_LRCLK
ADC_DATA
DAC_BCLK
DAC_LRCLK
DAC_DATA
0
1
ALRCGPIO1
AIF_SEL
0
1
0
1
0
1
Figure 61 Audio Interface Input Flow
The Audio Interface input flow illustrated above is controlled by only two signals. These are
ALRCGPIO1 and AIF_SEL.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8 (08h)
13
AIF_SEL
0b
Audio Interface Select
0 = Audio interface 1
1 = Audio interface 2 (GPIO3/BCLK2,
GPIO4/DACLRC2, GPIO5/DACDAT2)
R9 (09h)
15
ALRCGPIO1
0b
ADCLRC/GPIO1 Pin Function Select
0 = ADCLRC pin
1 = GPIO1 pin (ADCLRC connected to
DACLRC internally)
Table 57 Audio Interface Pin Function Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com