Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 148 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 148 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 144Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 145Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 146Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 152Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 174 page
background image
WM8991
Pre-Production
w
PP, May 2008, Rev 3.1
148
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10:0
DACLRC_RATE
[10:0]
040h
DACLRC Rate
DACLRC clock output = BCLK / DACLRC_RATE
Integer (LSB = 1)
Valid from 8..2047
15:13
000b
Reserved - Do Not Change
12
DAC_SDMCLK_
RATE
0b
DAC clocking rate
0 = Normal operation (64fs)
1 = SYSCLK/4
11
0b
Reserved - Do Not Change
10
AIF_LRCLKRATE
0b
LRCLK Rate
0 = Normal mode (256 * fs)
1 = USB mode (272 * fs)
9
DAC_MONO
0b
DAC Mono Mix
0 = Stereo
1 = Mono (Mono mix output on enabled DACs)
8
DAC_SB_FILT
0b
Selects DAC filter characteristics
0 = Normal mode
1 = Sloping stopband mode
7
DAC_MUTERATE
0b
DAC Soft Mute Ramp Rate
0 = Fast ramp (fs/2, maximum ramp time is 10.7ms at fs=48k)
1 = Slow ramp (fs/32, maximum ramp time is 171ms at
fs=48k)
6
DAC_MUTEMODE
0b
DAC Soft Mute Mode
0 = Disabling soft-mute (DAC_MUTE=0) will cause the DAC
volume to change immediately to DACL_VOL and DACR_VOL
settings
1 = Disabling soft-mute (DAC_MUTE=0) will cause the DAC
volume to ramp up gradually to the DACL_VOL and
DACR_VOL settings
5:4
DEEMP
00b
DAC De-Emphasis Control
00 = De-emphasis disabled
01 = De-emphasis enabled (Optimised for fs=32kHz)
10 = De-emphasis enabled (Optimised for fs=44.1kHz)
11 = De-emphasis enabled (Optimised for fs=48kHz)
3
0b
Reserved - Do Not Change
2
DAC_MUTE
1b
DAC Soft Mute Control
0 = DAC Un-mute
1 = DAC Mute
1
DACL_DATINV
0b
Left DAC Invert
0 = Left DAC output not inverted
1 = Left DAC output inverted
R10 (0Ah)
DAC Control
0
DACR_DATINV
0b
Right DAC Invert
0 = Right DAC output not inverted
1 = Right DAC output inverted
15:9
00h
Reserved - Do Not Change
8
DAC_VU
N/A
DAC Volume Update
Writing a 1 to this bit will cause left and right DAC volume to
be updated simultaneously
R11 (0Bh)
Left DAC
Digital Volume
7:0
DACL_VOL
[7:0]
1100_000
0b
(0dB)
Left DAC Digital Volume
(See Table 26 for volume settings)
R12 (0Ch)
15:9
00h
Reserved - Do Not Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com