Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 149 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 149 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 145Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 146Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 153Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 174 page
background image
Pre-Production
WM8991
w
PP, May 2008, Rev 3.1
149
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
DAC_VU
N/A
DAC Volume Update
Writing a 1 to this bit will cause left and right DAC volume to
be updated simultaneously
Right DAC
Digital Volume
7:0
DACR_VOL
[7:0]
1100_
0000b
(0dB)
Right DAC Digital Volume
(See Table 26 for volume settings)
15:13
000b
Reserved - Do Not Change
12:9
ADCL_DAC_SVOL
[3:0]
0000b
Left Channel Digital Sidetone Volume
(See Table 23 for volume range)
8:5
ADCR_DAC_SVOL
[3:0]
0000b
Right Channel Digital Sidetone Volume
(See Table 23 for volume range)
4
0b
Reserved - Do Not Change
3:2
ADC_TO_DACL
[1:0]
00b
Left DAC Digital Sidetone Source
00 = No sidetone
01 = Left ADC
10 = Right ADC
11 = Reserved
R13 (0Dh)
Digital
Sidetone
1:0
ADC_TO_DACR
[1:0]
00b
Right DAC Digital Sidetone Source
00 = No sidetone
01 = Left ADC
10 = Right ADC
11 = Reserved
15:9
00h
Reserved - Do Not Change
8
ADC_HPF_ENA
1b
ADC Digital High Pass Filter Enable
0 = disabled
1 = enabled
7
0b
Reserved - Do Not Change
6:5
ADC_HPF_CUT
[1:0]
00b
ADC Digital High Pass Filter Cut-Off Frequency (fc)
00 = Hi-fi mode (fc=4Hz at fs=48kHz)
01 = Voice mode 1 (fc=127Hz at fs=16kHz)
10 = Voice mode 2 (fc=130Hz at fs=8kHz)
11 = Voice mode 3 (fc=267Hz at fs=8kHz)
(Note: fc scales with sample rate. See Table 18 for cut-off
frequencies at all supported sample rates)
4:2
000b
Reserved - Do Not Change
1
ADCL_DATINV
0b
Left ADC Invert
0 = Left ADC output not inverted
1 = Left ADC output inverted
R14 (0Eh)
ADC Control
0
ADCR_DATINV
0b
Right ADC Invert
0 = Right ADC output not inverted
1 = Right ADC output inverted
15:9
00h
Reserved - Do Not Change
8
ADC_VU
N/A
ADC Volume Update
Writing a 1 to this bit will cause left and right ADC volume to
be updated simultaneously
R15 (0Fh)
Left ADC
Digital Volume
7:0
ADCL_VOL
[7:0]
1100_
0000b
(0dB)
Left ADC Digital Volume
(See Table 16 for volume range)
15:9
00h
Reserved - Do Not Change
R16 (10h)
Right ADC
Digital Volume
8
ADC_VU
N/A
ADC Volume Update
Writing a 1 to this bit will cause left and right ADC volume to
be updated simultaneously



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com