Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 34Page - Renesas Technology Corp HD64F36049 Datasheet HTML 35Page - Renesas Technology Corp HD64F36049 Datasheet HTML 36Page - Renesas Technology Corp HD64F36049 Datasheet HTML 37Page - Renesas Technology Corp HD64F36049 Datasheet HTML 38Page - Renesas Technology Corp HD64F36049 Datasheet HTML 39Page - Renesas Technology Corp HD64F36049 Datasheet HTML 40Page - Renesas Technology Corp HD64F36049 Datasheet HTML 41Page - Renesas Technology Corp HD64F36049 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 562 page
background image
Section 1 Overview
Rev. 3.00 Mar. 15, 2006 Page 6 of 526
REJ09B0060-0300
Pin No.
Type
Symbol
FP-80A
I/O
Functions
Timer V
TMOV
72
Output This is an output pin for waveforms generated by
the output compare function.
TMCIV
71
Input
External event input pin.
TMRIV
70
Input
Counter reset input pin.
TRGV
28
Input
Count start trigger input pin.
Timer Z
FTIOA0
42
I/O
Output compare output/input capture
input/external clock input pin
FTIOB0
43
I/O
Output compare output/input capture input/PWM
output pin
FTIOC0
44
I/O
Output compare output/input capture input/PWM
synchronous output pin (at a reset or in
complementary PWM mode)
FTIOD0
45
I/O
Output compare output/input capture input/PWM
output pin
FTIOA1
46
I/O
Output compare output/input capture input/PWM
output pin (at a reset or in complementary PWM
mode)
FTIOB1 to
FTIOD1
47 to 49
I/O
Output compare output/input capture input/PWM
output pin
Timer W
FTCI
51
Input
External event input pin
FTIOA to
FTIOD
52 to 55
I/O
Output compare output/input capture input/PWM
output pin
14-bit PWM PWM
57
Output 14-bit PWM square wave output pin
I
2C bus
interface 2
(IIC2)
SDA
30
I/O
IIC data I/O pin. Can directly drive a bus by
NMOS open-drain output. When using this pin,
external pull-up resistor is required.
SCL
29
I/O
IIC clock I/O pin. Can directly drive a bus by
NMOS open-drain output. When using this pin,
external pull-up resistor is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com