Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 69Page - Renesas Technology Corp HD64F36049 Datasheet HTML 70Page - Renesas Technology Corp HD64F36049 Datasheet HTML 71Page - Renesas Technology Corp HD64F36049 Datasheet HTML 72Page - Renesas Technology Corp HD64F36049 Datasheet HTML 73Page - Renesas Technology Corp HD64F36049 Datasheet HTML 74Page - Renesas Technology Corp HD64F36049 Datasheet HTML 75Page - Renesas Technology Corp HD64F36049 Datasheet HTML 76Page - Renesas Technology Corp HD64F36049 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 562 page
background image
Section 2 CPU
Rev. 3.00 Mar. 15, 2006 Page 41 of 526
REJ09B0060-0300
• After executing BCLR instruction
P57
P56
P55
P54
P53
P52
P51
P50
Input/output
Output
Output
Output
Output
Output
Output
Output
Input
Pin state
Low
level
High
level
Low
level
Low
level
Low
level
Low
level
Low
level
High
level
PCR5
1
1
1
1
1
1
1
0
PDR5
1
0
0
0
0
0
0
0
• Description on operation
1. When the BCLR instruction is executed, first the CPU reads PCR5. Since PCR5 is a write-only
register, the CPU reads a value of H'FF, even though the PCR5 value is actually H'3F.
2. Next, the CPU clears bit 0 in the read data to 0, changing the data to H'FE.
3. Finally, H'FE is written to PCR5 and BCLR instruction execution ends.
As a result of this operation, bit 0 in PCR5 becomes 0, making P50 an input port. However, bits 7
and 6 in PCR5 change to 1, so that P57 and P56 change from input pins to output pins. To prevent
this problem, store a copy of the PCR5 data in a work area in memory and manipulate data of the
bit in the work area, then write this data to PCR5.
• Prior to executing BCLR instruction
MOV.B
#3F,
R0L
MOV.B
R0L,
@RAM0
MOV.B
R0L,
@PCR5
The PCR5 value (H'3F) is written to a work area in
memory (RAM0) as well as to PCR5.
P57
P56
P55
P54
P53
P52
P51
P50
Input/output
Input
Input
Output
Output
Output
Output
Output
Output
Pin state
Low
level
High
level
Low
level
Low
level
Low
level
Low
level
Low
level
Low
level
PCR5
0
0
1
1
1
1
1
1
PDR5
1
0
0
0
0
0
0
0
RAM0
0
0
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com