Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 81Page - Renesas Technology Corp HD64F36049 Datasheet HTML 82Page - Renesas Technology Corp HD64F36049 Datasheet HTML 83Page - Renesas Technology Corp HD64F36049 Datasheet HTML 84Page - Renesas Technology Corp HD64F36049 Datasheet HTML 85Page - Renesas Technology Corp HD64F36049 Datasheet HTML 86Page - Renesas Technology Corp HD64F36049 Datasheet HTML 87Page - Renesas Technology Corp HD64F36049 Datasheet HTML 88Page - Renesas Technology Corp HD64F36049 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 562 page
background image
Section 3 Exception Handling
Rev. 3.00 Mar. 15, 2006 Page 53 of 526
REJ09B0060-0300
3.2.7
Wakeup Interrupt Flag Register (IWPR)
IWPR is a status flag register for
WKP5 to WKP0 interrupt requests.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
1
1
Reserved
These bits are always read as 1.
5
IWPF5
0
R/W
WKP5 Interrupt Request Flag
[Setting condition]
When
WKP5 pin is designated for interrupt input and
the designated signal edge is detected.
[Clearing condition]
When IWPF5 is cleared by writing 0.
4
IWPF4
0
R/W
WKP4 Interrupt Request Flag
[Setting condition]
When
WKP4 pin is designated for interrupt input and
the designated signal edge is detected.
[Clearing condition]
When IWPF4 is cleared by writing 0.
3
IWPF3
0
R/W
WKP3 Interrupt Request Flag
[Setting condition]
When
WKP3 pin is designated for interrupt input and
the designated signal edge is detected.
[Clearing condition]
When IWPF3 is cleared by writing 0.
2
IWPF2
0
R/W
WKP2 Interrupt Request Flag
[Setting condition]
When
WKP2 pin is designated for interrupt input and
the designated signal edge is detected.
[Clearing condition]
When IWPF2 is cleared by writing 0.
1
IWPF1
0
R/W
WKP1 Interrupt Request Flag
[Setting condition]
When
WKP1 pin is designated for interrupt input and
the designated signal edge is detected.
[Clearing condition]
When IWPF1 is cleared by writing 0.
\



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com