Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 72Page - Renesas Technology Corp HD64F36049 Datasheet HTML 73Page - Renesas Technology Corp HD64F36049 Datasheet HTML 74Page - Renesas Technology Corp HD64F36049 Datasheet HTML 75Page - Renesas Technology Corp HD64F36049 Datasheet HTML 76Page - Renesas Technology Corp HD64F36049 Datasheet HTML 77Page - Renesas Technology Corp HD64F36049 Datasheet HTML 78Page - Renesas Technology Corp HD64F36049 Datasheet HTML 79Page - Renesas Technology Corp HD64F36049 Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 562 page
background image
Section 3 Exception Handling
Rev. 3.00 Mar. 15, 2006 Page 44 of 526
REJ09B0060-0300
3.1
Exception Sources and Vector Address
Table 3.1 shows the vector addresses and priority of each exception handling. When more than
one interrupt is requested, handling is performed from the interrupt with the highest priority.
Table 3.1
Exception Sources and Vector Address
Relative Module
Exception Sources
Vector
Number
Vector Address
Priority
RES pin
Watchdog timer
Reset
0
H'000000 to
H'000003
High
Reserved for system use
1 to 6
H'000004 to
H'00001B
External interrupt
pin
NMI
7
H'00001C to
H'00001F
CPU
Trap instruction #0
8
H'000020 to
H'000023
Trap instruction #1
9
H'000024 to
H'000027
Trap instruction #2
10
H'000028 to
H'00002B
Trap instruction #3
11
H'00002C to
H'00002F
Address break
Break conditions satisfied
12
H'000030 to
H'000033
CPU
Direct transition by executing the
SLEEP instruction
13
H'000034 to
H'000037
External interrupt
pin
IRQ0
Low-voltage detection interrupt*
14
H'000038 to
H'00003B
IRQ1
15
H'00003C to
H'00003F
IRQ2
16
H'000040 to
H'000043
IRQ3
17
H'000044 to
H'000047
WKP
18
H'000048 to
H'00004B
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com