Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 96Page - Renesas Technology Corp HD64F36049 Datasheet HTML 97Page - Renesas Technology Corp HD64F36049 Datasheet HTML 98Page - Renesas Technology Corp HD64F36049 Datasheet HTML 99Page - Renesas Technology Corp HD64F36049 Datasheet HTML 100Page - Renesas Technology Corp HD64F36049 Datasheet HTML 101Page - Renesas Technology Corp HD64F36049 Datasheet HTML 102Page - Renesas Technology Corp HD64F36049 Datasheet HTML 103Page - Renesas Technology Corp HD64F36049 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 562 page
background image
Section 4 Address Break
Rev. 3.00 Mar. 15, 2006 Page 68 of 526
REJ09B0060-0300
MOV
instruc-
tion 1
prefetch
Register setting
• ABRKCR = H'A0
• BAR = H'025A
Program
0258
025A
025C
0260
0262
:
*
NOP
NOP
MOV.W @H'025A,R0
NOP
NOP
:
025C
Address
bus
Interrupt
request
025E
0260
025A
0262
0264
SP-2
MOV
instruc-
tion 2
prefetch
NOP
instruc-
tion
prefetch
MOV
instruc-
tion
execution
Next
instru-
ction
prefetch
Internal
processing
Stack
save
NOP
instruc-
tion
prefetch
Interrupt acceptance
Underline indicates the address
to be stacked.
When the address break is specified in the data read cycle
Figure 4.2 Address Break Interrupt Operation Example (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com