Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 35Page - Renesas Technology Corp HD64F36049 Datasheet HTML 36Page - Renesas Technology Corp HD64F36049 Datasheet HTML 37Page - Renesas Technology Corp HD64F36049 Datasheet HTML 38Page - Renesas Technology Corp HD64F36049 Datasheet HTML 39Page - Renesas Technology Corp HD64F36049 Datasheet HTML 40Page - Renesas Technology Corp HD64F36049 Datasheet HTML 41Page - Renesas Technology Corp HD64F36049 Datasheet HTML 42Page - Renesas Technology Corp HD64F36049 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 562 page
background image
Section 1 Overview
Rev. 3.00 Mar. 15, 2006 Page 7 of 526
REJ09B0060-0300
Pin No.
Type
Symbol
FP-80A
I/O
Functions
TXD
TXD_2
TXD_3
39
69
61
Output Transmit data output pin
RXD
RXD_2
RXD_3
40
68
60
Input
Receive data input pin
Serial com-
munication
interface 3
(SCI3)
SCK3
SCK3_2
SCK3_3
41
67
59
I/O
Clock I/O pin
A/D
converter
AN7 to AN0 2, 1,
80 to 75
Input
Analog input pin
ADTRG
31
Input
Conversion start trigger input pin
I/O ports
PB7 to PB0
2, 1,
80 to 75
Input
8-bit input port
P17 to P14,
P12 to P10
28 to 25,
58 to 56
I/O
7-bit I/O port
P24 to P20
37 to 41
I/O
5-bit I/O port
P37 to P30
17 to 24
I/O
8-bit I/O port
P57 to P50
29 to 36
I/O
8-bit I/O port
P67 to P60
49 to 42
I/O
8-bit I/O port
P77 to P74,
P72 to P70
73 to 70,
69 to 67
I/O
7-bit I/O port
P87 to P80
14 to 16,
55 to 51
I/O
8-bit I/O port
P97 to P90
66 to 59
I/O
8-bit I/O port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com