Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 95Page - Renesas Technology Corp HD64F36049 Datasheet HTML 96Page - Renesas Technology Corp HD64F36049 Datasheet HTML 97Page - Renesas Technology Corp HD64F36049 Datasheet HTML 98Page - Renesas Technology Corp HD64F36049 Datasheet HTML 99Page - Renesas Technology Corp HD64F36049 Datasheet HTML 100Page - Renesas Technology Corp HD64F36049 Datasheet HTML 101Page - Renesas Technology Corp HD64F36049 Datasheet HTML 102Page - Renesas Technology Corp HD64F36049 Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 562 page
background image
Section 4 Address Break
Rev. 3.00 Mar. 15, 2006 Page 67 of 526
REJ09B0060-0300
4.2
Operation
When the ABIE bit in ABRKSR is set to 1, if the ABIF bit in ABRKSR is set to 1 by the
combination of the address set in BAR, the data set in BDR, and the conditions set in ABRKCR,
the address break function generates an interrupt request to the CPU. When the interrupt request is
accepted, interrupt exception handling starts after the instruction being executed ends. The address
break interrupt is not masked because of the I bit in CCR of the CPU.
Figures 4.2 (1) to (2) show the operation examples of the address break interrupt setting.
NOP
instruc-
tion
prefetch
Register setting
• ABRKCR = H'80
• BAR = H'025A
Program
0258
025A
025C
0260
0262
:
*
NOP
NOP
MOV.W @H'025A,R0
NOP
NOP
:
0258
Address
bus
Interrupt
request
025A
025C
025E
SP-2
SP-4
NOP
instruc-
tion
prefetch
MOV
instruc-
tion 1
prefetch
MOV
instruc-
tion 2
prefetch
Internal
processing
Stack save
Interrupt acceptance
Underline indicates the address
to be stacked.
When the address break is specified in instruction execution cycle
φ
Figure 4.2 Address Break Interrupt Operation Example (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com