Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 64Page - Renesas Technology Corp HD64F36049 Datasheet HTML 65Page - Renesas Technology Corp HD64F36049 Datasheet HTML 66Page - Renesas Technology Corp HD64F36049 Datasheet HTML 67Page - Renesas Technology Corp HD64F36049 Datasheet HTML 68Page - Renesas Technology Corp HD64F36049 Datasheet HTML 69Page - Renesas Technology Corp HD64F36049 Datasheet HTML 70Page - Renesas Technology Corp HD64F36049 Datasheet HTML 71Page - Renesas Technology Corp HD64F36049 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 562 page
background image
Section 2 CPU
Rev. 3.00 Mar. 15, 2006 Page 36 of 526
REJ09B0060-0300
Reset state
Program halt state
Exception-handling state
Program execution state
Reset cleared
SLEEP instruction executed
Reset
occurs
Interrupt
source
Reset
occurs
Interrupt
source
Exception-
handling
complete
Reset occurs
Figure 2.12 State Transitions
2.8
Usage Notes
2.8.1
Notes on Data Access to Empty Areas
The address space of this LSI includes empty areas in addition to the ROM, RAM, and on-chip
I/O registers areas available to the user. When data is transferred from CPU to empty areas, the
transferred data will be lost. This action may also cause the CPU to malfunction. When data is
transferred from an empty area to CPU, the contents of the data cannot be guaranteed.
2.8.2
EEPMOV Instruction
EEPMOV is a block-transfer instruction and transfers the byte size of data indicated by R4 or
R4L, which starts from the address indicated by ER5, to the address indicated by ER6. Set R4 or
R4L and ER6 so that the end address of the destination address (value of ER6
+ R4 or ER6 + R4L)
does not exceed H'FFFFFF (the value of ER6 must not change from H'FFFFFF to H'000000
during execution).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com