Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 63Page - Renesas Technology Corp HD64F36049 Datasheet HTML 64Page - Renesas Technology Corp HD64F36049 Datasheet HTML 65Page - Renesas Technology Corp HD64F36049 Datasheet HTML 66Page - Renesas Technology Corp HD64F36049 Datasheet HTML 67Page - Renesas Technology Corp HD64F36049 Datasheet HTML 68Page - Renesas Technology Corp HD64F36049 Datasheet HTML 69Page - Renesas Technology Corp HD64F36049 Datasheet HTML 70Page - Renesas Technology Corp HD64F36049 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 562 page
background image
Section 2 CPU
Rev. 3.00 Mar. 15, 2006 Page 35 of 526
REJ09B0060-0300
2.7
CPU States
There are four CPU states: the reset state, program execution state, program halt state, and
exception-handling state. The program execution state includes active mode and subactive mode.
For the program halt state, there are a sleep mode, standby mode, and sub-sleep mode. These
states are shown in figure 2.11. Figure 2.12 shows the state transitions. For details on program
execution state and program halt state, refer to section 6, Power-Down Modes. For details on
exception processing, refer to section 3, Exception Handling.
CPU state
Reset state
Program
execution state
Program halt state
Exception-
handling state
Active
(high speed) mode
Subactive mode
Sleep mode
Subsleep mode
Power-down
modes
The CPU executes successive program
instructions at high speed,
synchronized by the system clock
The CPU executes
successive program
instructions at reduced
speed, synchronized
by the subclock
A state in which some
or all of the chip
functions are stopped
to conserve power
A transient state in which the CPU changes
the processing flow due to a reset or an interrupt
The CPU is initialized
Standby mode
Figure 2.11 CPU Operation States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com