| Electronic Components Datasheet Search |
|
HD64F36049 Datasheet(PDF) 97 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F36049 Datasheet(HTML) 97 Page - Renesas Technology Corp |
|
97 / 562 page ![]() Section 4 Address Break Rev. 3.00 Mar. 15, 2006 Page 65 of 526 REJ09B0060-0300 Bit Bit Name Initial Value R/W Description 1 0 DCMP1 DCMP0 0 0 R/W R/W Data Compare 1 and 0 These bits set the comparison condition between the data set in BDR and the internal data bus. 00: No data comparison 01: Compares lower 8-bit data between BDRL and data bus 10: Compares upper 8-bit data between BDRH and data bus 11: Compares 16-bit data between BDR and data bus [Legend] x: Don't care. When an address break is set in the data read cycle or data write cycle, the data bus used will depend on the combination of the byte/word access and address. Table 4.1 shows the access and data bus used. When an I/O register space with an 8-bit data bus width is accessed in word size, a byte access is generated twice. For details on data widths of each register, see section 22.1, Register Addresses (Address Order). Table 4.1 Access and Data Bus Used Word Access Byte Access Even Address Odd Address Even Address Odd Address ROM space Upper 8 bits Lower 8 bits Upper 8 bits Upper 8 bits RAM space Upper 8 bits Lower 8 bits Upper 8 bits Upper 8 bits I/O register with 8-bit data bus width Upper 8 bits Upper 8 bits Upper 8 bits Upper 8 bits I/O register with 16-bit data bus width Upper 8 bits Lower 8 bits — — |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |