Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 57Page - Renesas Technology Corp HD64F36049 Datasheet HTML 58Page - Renesas Technology Corp HD64F36049 Datasheet HTML 59Page - Renesas Technology Corp HD64F36049 Datasheet HTML 60Page - Renesas Technology Corp HD64F36049 Datasheet HTML 61Page - Renesas Technology Corp HD64F36049 Datasheet HTML 62Page - Renesas Technology Corp HD64F36049 Datasheet HTML 63Page - Renesas Technology Corp HD64F36049 Datasheet HTML 64Page - Renesas Technology Corp HD64F36049 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 562 page
background image
Section 2 CPU
Rev. 3.00 Mar. 15, 2006 Page 29 of 526
REJ09B0060-0300
Register Indirect with Displacement—@(d:16, ERn) or @(d:24, ERn)
A 16-bit or 24-bit displacement contained in the instruction is added to an address register (ERn)
specified by the register field of the instruction, and the lower 24 bits of the sum the address of a
memory operand. A 16-bit displacement is sign-extended when added.
Register Indirect with Post-Increment or Pre-Decrement—@ERn+ or @-ERn
• Register indirect with post-increment—@ERn+
The register field of the instruction code specifies an address register (ERn) the lower 24 bits
of which contains the address of a memory operand. After the operand is accessed, 1, 2, or 4 is
added to the address register contents (32 bits) and the sum is stored in the address register.
The value added is 1 for byte access, 2 for word access, or 4 for longword access. For the word
or longword access, the register value should be even.
• Register indirect with pre-decrement—@-ERn
The value 1, 2, or 4 is subtracted from an address register (ERn) specified by the register field
in the instruction code, and the lower 24 bits of the result is the address of a memory operand.
The result is also stored in the address register. The value subtracted is 1 for byte access, 2 for
word access, or 4 for longword access. For the word or longword access, the register value
should be even.
Absolute Address—@aa:8, @aa:16, @aa:24
The instruction code contains the absolute address of a memory operand. The absolute address
may be 8 bits long (@aa:8), 16 bits long (@aa:16), 24 bits long (@aa:24)
For an 8-bit absolute address, the upper 16 bits are all assumed to be 1 (H'FFFF). For a 16-bit
absolute address the upper 8 bits are a sign extension. A 24-bit absolute address can access the
entire address space.
The access ranges of absolute addresses for the group of this LSI are those shown in table 2.11.
Table 2.11
Absolute Address Access Ranges
Absolute Address
Access Range
8 bits (@aa:8)
H'FFFF00 to H'FFFFFF
16 bits (@aa:16)
H'000000 to H'007FFF
H'FF8000 to H'FFFFFF
24 bits (@aa:24)
H'000000 to H'FFFFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com