| Electronic Components Datasheet Search |
|
HD64F36049 Datasheet(PDF) 58 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F36049 Datasheet(HTML) 58 Page - Renesas Technology Corp |
|
58 / 562 page ![]() Section 2 CPU Rev. 3.00 Mar. 15, 2006 Page 26 of 526 REJ09B0060-0300 Table 2.8 System Control Instructions Instruction Size* Function TRAPA — Starts trap-instruction exception handling. RTE — Returns from an exception-handling routine. SLEEP — Causes a transition to a power-down state. LDC B/W (EAs) → CCR Moves the source operand contents to the CCR. The CCR size is one byte, but in transfer from memory, data is read by word access. STC B/W CCR → (EAd) Transfers the CCR contents to a destination location. The condition code register size is one byte, but in transfer to memory, data is written by word access. ANDC B CCR ∧ #IMM → CCR Logically ANDs the CCR with immediate data. ORC B CCR ∨ #IMM → CCR Logically ORs the CCR with immediate data. XORC B CCR ⊕ #IMM → CCR Logically XORs the CCR with immediate data. NOP — PC + 2 → PC Only increments the program counter. Note: * Refers to the operand size. B: Byte W: Word Table 2.9 Block Data Transfer Instructions Instruction Size Function EEPMOV.B — if R4L ≠ 0 then Repeat @ER5+ → @ER6+, R4L–1 → R4L Until R4L = 0 else next; EEPMOV.W — if R4 ≠ 0 then Repeat @ER5+ → @ER6+, R4–1 → R4 Until R4 = 0 else next; Transfers a data block. Starting from the address set in ER5, transfers data for the number of bytes set in R4L or R4 to the address location set in ER6. Execution of the next instruction begins as soon as the transfer is completed. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |