Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 78Page - Renesas Technology Corp HD64F36049 Datasheet HTML 79Page - Renesas Technology Corp HD64F36049 Datasheet HTML 80Page - Renesas Technology Corp HD64F36049 Datasheet HTML 81Page - Renesas Technology Corp HD64F36049 Datasheet HTML 82Page - Renesas Technology Corp HD64F36049 Datasheet HTML 83Page - Renesas Technology Corp HD64F36049 Datasheet HTML 84Page - Renesas Technology Corp HD64F36049 Datasheet HTML 85Page - Renesas Technology Corp HD64F36049 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 562 page
background image
Section 3 Exception Handling
Rev. 3.00 Mar. 15, 2006 Page 50 of 526
REJ09B0060-0300
3.2.4
Interrupt Enable Register 2 (IENR2)
IENR2 enables, timer B1 overflow interrupts.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
0
0
Reserved
These bits are always read as 0.
5
IENTB1
0
R/W
Timer B1 Interrupt Enable
When this bit is set to 1, timer B1 overflow interrupt
requests are enabled.
4
3
2
1
0
1
1
1
1
1
Reserved
These bits are always read as 1.
When disabling interrupts by clearing bits in an interrupt enable register, or when clearing bits in
an interrupt flag register, always do so while interrupts are masked (I = 1). If the above clear
operations are performed while I = 0, and as a result a conflict arises between the clear instruction
and an interrupt request, exception handling for the interrupt will be executed after the clear
instruction has been executed.
3.2.5
Interrupt Flag Register 1 (IRR1)
IRR1 is a status flag register for direct transition interrupts, RTC interrupts, and
IRQ3 to IRQ0
interrupt requests.
Bit
Bit Name
Initial
Value
R/W
Description
7
IRRDT
0
R/W
Direct Transfer Interrupt Request Flag
[Setting condition]
When a direct transfer is made by executing a SLEEP
instruction while DTON in SYSCR2 is set to 1.
[Clearing condition]
When IRRDT is cleared by writing 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com