| Electronic Components Datasheet Search |
|
HD64F36049 Datasheet(PDF) 30 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F36049 Datasheet(HTML) 30 Page - Renesas Technology Corp |
|
30 / 562 page ![]() Rev. 3.00 Mar. 15, 2006 Page xxx of xxxii Table 7.3 System Clock Frequencies for which Automatic Adjustment of LSI Bit Rate is Possible................................................................................................................... 98 Table 7.4 Reprogram Data Computation Table .................................................................... 102 Table 7.5 Additional-Program Data Computation Table...................................................... 102 Table 7.6 Programming Time............................................................................................... 102 Table 7.7 Flash Memory Operating States............................................................................ 107 Section 10 Realtime Clock (RTC) Table 10.1 Pin Configuration.................................................................................................. 148 Table 10.2 Interrupt Sources................................................................................................... 159 Section 11 Timer B1 Table 11.1 Pin Configuration.................................................................................................. 161 Table 11.2 Timer B1 Operating Modes .................................................................................. 164 Section 12 Timer V Table 12.1 Pin Configuration.................................................................................................. 167 Table 12.2 Clock Signals to Input to TCNTV and Counting Conditions ............................... 170 Section 13 Timer W Table 13.1 Timer W Functions ............................................................................................... 182 Table 13.2 Pin Configuration.................................................................................................. 184 Section 14 Timer Z Table 14.1 Timer Z Functions ................................................................................................ 214 Table 14.2 Pin Configuration.................................................................................................. 218 Table 14.3 Initial Output Level of FTIOB0 Pin...................................................................... 249 Table 14.4 Output Pins in Reset Synchronous PWM Mode................................................... 254 Table 14.5 Register Settings in Reset Synchronous PWM Mode........................................... 254 Table 14.6 Output Pins in Complementary PWM Mode........................................................ 258 Table 14.7 Register Settings in Complementary PWM Mode................................................ 258 Table 14.8 Register Combinations in Buffer Operation ......................................................... 268 Section 16 14-Bit PWM Table 16.1 Pin Configuration.................................................................................................. 295 Section 17 Serial Communication Interface 3 (SCI3) Table 17.1 Channel Configuration.......................................................................................... 300 Table 17.2 Pin Configuration.................................................................................................. 303 Table 17.3 Examples of BRR Settings for Various Bit Rates (Asynchronous Mode) (1) ...... 310 Table 17.3 Examples of BRR Settings for Various Bit Rates (Asynchronous Mode) (2) ...... 312 Table 17.3 Examples of BRR Settings for Various Bit Rates (Asynchronous Mode) (3) ...... 314 Table 17.4 Maximum Bit Rate for Each Frequency (Asynchronous Mode) .......................... 315 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |