Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 21Page - Renesas Technology Corp HD64F36049 Datasheet HTML 22Page - Renesas Technology Corp HD64F36049 Datasheet HTML 23Page - Renesas Technology Corp HD64F36049 Datasheet HTML 24Page - Renesas Technology Corp HD64F36049 Datasheet HTML 25Page - Renesas Technology Corp HD64F36049 Datasheet HTML 26Page - Renesas Technology Corp HD64F36049 Datasheet HTML 27Page - Renesas Technology Corp HD64F36049 Datasheet HTML 28Page - Renesas Technology Corp HD64F36049 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 562 page
background image
Rev. 3.00 Mar. 15, 2006 Page xxv of xxxii
Figure 14.38 Example of Buffer Operation (1)
(Buffer Operation for Output Compare Register).................................................. 270
Figure 14.39 Example of Compare Match Timing for Buffer Operation ................................... 271
Figure 14.40 Example of Buffer Operation (2)
(Buffer Operation for Input Capture Register) ...................................................... 272
Figure 14.41 Input Capture Timing of Buffer Operation............................................................ 273
Figure 14.42 Buffer Operation (3)
(Buffer Operation in Complementary PWM Mode CMD1 = CMD0 = 1) ............ 274
Figure 14.43 Buffer Operation (4)
(Buffer Operation in Complementary PWM Mode CMD1 = CMD0 = 1) ............ 275
Figure 14.44 Example of Output Disable Timing of Timer Z by Writing to TOER .................. 276
Figure 14.45 Example of Output Disable Timing of Timer Z by External Trigger.................... 277
Figure 14.46 Example of Output Inverse Timing of Timer Z by Writing to TFCR ................... 277
Figure 14.47 Example of Output Inverse Timing of Timer Z by Writing to POCR................... 278
Figure 14.48 IMF Flag Set Timing when Compare Match Occurs ............................................ 279
Figure 14.49 IMF Flag Set Timing at Input Capture .................................................................. 279
Figure 14.50 OVF Flag Set Timing ............................................................................................ 280
Figure 14.51 Status Flag Clearing Timing.................................................................................. 280
Figure 14.52 Contention between TCNT Write and Clear Operations....................................... 281
Figure 14.53 Contention between TCNT Write and Increment Operations ............................... 281
Figure 14.54 Contention between GR Write and Compare Match ............................................. 282
Figure 14.55 Contention between TCNT Write and Overflow................................................... 283
Figure 14.56 Contention between GR Read and Input Capture.................................................. 284
Figure 14.57 Contention between Count Clearing and Increment Operations by Input
Capture .................................................................................................................. 285
Figure 14.58 Contention between GR Write and Input Capture................................................. 286
Figure 14.59 When Compare Match and Bit Manipulation Instruction to TOCR Occur at the
Same Timing ......................................................................................................... 287
Section 15 Watchdog Timer
Figure 15.1 Block Diagram of Watchdog Timer ........................................................................ 289
Figure 15.2 Watchdog Timer Operation Example...................................................................... 293
Section 16 14-Bit PWM
Figure 16.1 Block Diagram of 14-Bit PWM .............................................................................. 295
Figure 16.2 Waveform Output by 14-Bit PWM ......................................................................... 298
Section 17 Serial Communication Interface 3 (SCI3)
Figure 17.1 Block Diagram of SCI3........................................................................................... 302
Figure 17.2 Data Format in Asynchronous Communication ...................................................... 318
Figure 17.3 Relationship between Output Clock and Transfer Data Phase
(Asynchronous Mode) (Example with 8-Bit Data, Parity, Two Stop Bits) ............. 318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com