| Electronic Components Datasheet Search |
|
HD64F36049 Datasheet(PDF) 26 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F36049 Datasheet(HTML) 26 Page - Renesas Technology Corp |
|
26 / 562 page ![]() Rev. 3.00 Mar. 15, 2006 Page xxvi of xxxii Figure 17.4 Sample SCI3 Initialization Flowchart ..................................................................... 319 Figure 17.5 Example of SCI3 Transmission in Asynchronous Mode (8-Bit Data, Parity, One Stop Bit) ........................................................................... 320 Figure 17.6 Sample Serial Transmission Data Flowchart (Asynchronous Mode)...................... 321 Figure 17.7 Example of SCI3 Reception in Asynchronous Mode (8-Bit Data, Parity, One Stop Bit) ........................................................................... 322 Figure 17.8 Sample Serial Reception Data Flowchart (Asynchronous Mode) (1) ..................... 324 Figure 17.8 Sample Serial Reception Data Flowchart (Asynchronous Mode) (2) ..................... 325 Figure 17.9 Data Format in Clocked Synchronous Communication .......................................... 326 Figure 17.10 Example of SCI3 Transmission in Clocked Synchronous Mode .......................... 327 Figure 17.11 Sample Serial Transmission Flowchart (Clocked Synchronous Mode) ................ 328 Figure 17.12 Example of SCI3 Reception in Clocked Synchronous Mode................................ 329 Figure 17.13 Sample Serial Reception Flowchart (Clocked Synchronous Mode)...................... 330 Figure 17.14 Sample Flowchart of Simultaneous Serial Transmit and Receive Operations (Clocked Synchronous Mode)............................................................................... 331 Figure 17.15 Example of Inter-Processor Communication Using Multiprocessor Format (Transmission of Data H'AA to Receiving Station A) .......................................... 333 Figure 17.16 Sample Multiprocessor Serial Transmission Flowchart ........................................ 334 Figure 17.17 Sample Multiprocessor Serial Reception Flowchart (1)........................................ 335 Figure 17.17 Sample Multiprocessor Serial Reception Flowchart (2)........................................ 336 Figure 17.18 Example of SCI3 Reception Using Multiprocessor Format (Example with 8-Bit Data, Multiprocessor Bit, One Stop Bit).............................. 337 Figure 17.19 Receive Data Sampling Timing in Asynchronous Mode ...................................... 340 Section 18 I2C Bus Interface 2 (IIC2) Figure 18.1 Block Diagram of I2C Bus Interface 2..................................................................... 342 Figure 18.2 External Circuit Connections of I/O Pins................................................................ 343 Figure 18.3 I2C Bus Formats ...................................................................................................... 357 Figure 18.4 I2C Bus Timing........................................................................................................ 357 Figure 18.5 Master Transmit Mode Operation Timing (1)......................................................... 359 Figure 18.6 Master Transmit Mode Operation Timing (2)......................................................... 359 Figure 18.7 Master Receive Mode Operation Timing (1) .......................................................... 361 Figure 18.8 Master Receive Mode Operation Timing (2) .......................................................... 362 Figure 18.9 Slave Transmit Mode Operation Timing (1) ........................................................... 363 Figure 18.10 Slave Transmit Mode Operation Timing (2) ......................................................... 364 Figure 18.11 Slave Receive Mode Operation Timing (1)........................................................... 365 Figure 18.12 Slave Receive Mode Operation Timing (2)........................................................... 365 Figure 18.13 Clocked Synchronous Serial Transfer Format....................................................... 366 Figure 18.14 Transmit Mode Operation Timing......................................................................... 367 Figure 18.15 Receive Mode Operation Timing .......................................................................... 368 Figure 18.16 Block Diagram of Noise Canceller........................................................................ 368 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |