Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 98Page - Renesas Technology Corp HD64F36049 Datasheet HTML 99Page - Renesas Technology Corp HD64F36049 Datasheet HTML 100Page - Renesas Technology Corp HD64F36049 Datasheet HTML 101Page - Renesas Technology Corp HD64F36049 Datasheet HTML 102Page - Renesas Technology Corp HD64F36049 Datasheet HTML 103Page - Renesas Technology Corp HD64F36049 Datasheet HTML 104Page - Renesas Technology Corp HD64F36049 Datasheet HTML 105Page - Renesas Technology Corp HD64F36049 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 562 page
background image
Section 5 Clock Pulse Generators
Rev. 3.00 Mar. 15, 2006 Page 70 of 526
REJ09B0060-0300
5.1
System Clock Generator
Clock pulses can be supplied to the system clock divider either by connecting a crystal or ceramic
resonator, or by providing external clock input. Figure 5.2 shows a block diagram of the system
clock generator.
LPM
LPM: Low-power mode (standby mode, subactive mode, subsleep mode)
2
1
OSC
OSC
Figure 5.2 Block Diagram of System Clock Generator
5.1.1
Connecting Crystal Resonator
Figure 5.3 shows a typical method of connecting a crystal resonator. An AT-cut parallel-resonance
crystal resonator should be used. Figure 5.4 shows the equivalent circuit of a crystal resonator. A
resonator having the characteristics given in table 5.1 should be used.
1
2
C1
C2
OSC
OSC
C = C = 10 to 22pF
12
Figure 5.3 Typical Connection to Crystal Resonator
CS
C0
RS
OSC1
OSC2
LS
Figure 5.4 Equivalent Circuit of Crystal Resonator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com